Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9848 Datasheet HTML 10Page - Analog Devices AD9848 Datasheet HTML 11Page - Analog Devices AD9848 Datasheet HTML 12Page - Analog Devices AD9848 Datasheet HTML 13Page - Analog Devices AD9848 Datasheet HTML 14Page - Analog Devices AD9848 Datasheet HTML 15Page - Analog Devices AD9848 Datasheet HTML 16Page - Analog Devices AD9848 Datasheet HTML 17Page - Analog Devices AD9848 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
REV. 0
AD9848/AD9849
–14–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
CLPDM
# Bits
146
64
[0]
1
01
clpdmdir
CLPDM Internal/External (0 = Internal, 1 = External)
65
[0]
1
00
clpdmpol
CLPDM External Active Polarity (0 = Low Active,
1 = High Active)
66
[0]
1
01
clpdmspol0
Sequence #0: Start Polarity for CLPDM
67
[5:0]
6
2C
clpdmtog1_0[5:0]
Sequence #0: Toggle Position 1 for CLPDM
68
[5:0]
6
00
clpdmtog1_0[11:6]
69
[5:0]
6
35
clpdmtog2_0[5:0]
Sequence #0: Toggle Position 2 for CLPDM
6A
[5:0]
6
00
clpdmtog2_0[11:6]
6B
[0]
1
01
clpdmspol1
Sequence #1: Start Polarity for CLPDM
6C
[5:0]
6
3E
clpdmtog1_1[5:0]
Sequence #1: Toggle Position 1 for CLPDM
6D
[5:0]
6
02
clpdmtog1_1[11:6]
6E
[5:0]
6
16
clpdmtog2_1[5:0]
Sequence #1: Toggle Position 2 for CLPDM
6F
[5:0]
6
03
clpdmtog2_1[11:6]
70
[0]
1
00
clpdmspol2
Sequence #2: Start Polarity for CLPDM
71
[5:0]
6
3F
clpdmtog1_2[5:0]
Sequence #2: Toggle Position 1 for CLPDM
72
[5:0]
6
3F
clpdmtog1_2[11:6]
73
[5:0]
6
3F
clpdmtog2_2[5:0]
Sequence #2: Toggle Position 2 for CLPDM
74
[5:0]
6
3F
clpdmtog2_2[11:6]
75
[0]
1
01
clpdmspol3
Sequence #3: Start Polarity for CLPDM
76
[5:0]
6
3F
clpdmtog1_3[5:0]
Sequence #3: Toggle Position 1 for CLPDM
77
[5:0]
6
3F
clpdmtog1_3[11:6]
78
[5:0]
6
3F
clpdmtog2_3[5:0]
Sequence #3: Toggle Position 2 for CLPDM
79
[5:0]
6
3F
clpdmtog2_3[11:6]
0
00
clpdmscp0
CLPDM Sequence-Change-Position #0 (Hardcoded to 0)
7A
[1:0]
2
00
clpdmsptr0
CLPDM Sequence Pointer for SCP #0
7B
[5:0]
6
3F
clpdmscp1[5:0]
CLPDM Sequence-Change-Position #1
7C
[5:0]
6
3F
clpdmscp1[11:6]
7D
[1:0]
2
00
clpdmsptr1
CLPDM Sequence Pointer for SCP #1
7E
[5:0]
6
3F
clpdmscp2[5:0]
CLPDM Sequence-Change-Position #2
7F
[5:0]
6
3F
clpdmscp2[11:6]
80
[1:0]
2
00
clpdmsptr2
CLPDM Sequence Pointer for SCP #2
81
[5:0]
6
3F
clpdmscp3[5:0]
CLPDM Sequence-Change-Position #3
82
[5:0]
6
3F
clpdmscp3[11:6]
83
[1:0]
2
00
clpdmsptr3
CLPDM Sequence Pointer for SCP #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com