Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9848 Datasheet HTML 21Page - Analog Devices AD9848 Datasheet HTML 22Page - Analog Devices AD9848 Datasheet HTML 23Page - Analog Devices AD9848 Datasheet HTML 24Page - Analog Devices AD9848 Datasheet HTML 25Page - Analog Devices AD9848 Datasheet HTML 26Page - Analog Devices AD9848 Datasheet HTML 27Page - Analog Devices AD9848 Datasheet HTML 28Page - Analog Devices AD9848 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
REV. 0
AD9848/AD9849
–25–
POWER-UP PROCEDURE
VDD
(INPUT)
SERIAL
WRITES
VD
(OUTPUT)
1 H
ODD FIELD
EVEN FIELD
...
...
DIGITAL
OUTPUTS
CLOCKS ACTIVE WHEN OUT_CONT REGISTER IS
UPDATED AT VD/HD EDGE
H1/H3, RG
H2/H4
tPWR
CLI
(INPUT)
HD
(OUTPUT)
1V
...
...
Figure 14. Recommended Power-Up Sequence
Recommended Power-Up Sequence
When the AD9848 and AD9849 are powered up, the following sequence is recommended (refer to Figure 14 for each step).
1. Turn on power supplies for AD9848/AD9849.
2. Apply the master clock input CLI, VD, and HD.
3. The Precision Timing core must be reset by writing a “0” to the TGCORE_RSTB register (addr x026) followed by writing
a “l” to the TGCORE_RSTB register. This will start the internal timing core operation.
4. Write a “1” to the PREVENTUPDATE register (addr x01B). This will prevent the updating of the serial register data.
5. Write to desired registers to configure high speed timing and horizontal timing.
6. Write a “1” to the OUT_CONT register (addr x016). This will allow the outputs to become active after the next VD/HD
rising edge.
7. Write a “0” to the PREVENTUPDATE register (addr x01B). This will allow the serial information to be updated at next
VD/HD falling edge.
8. The next VD/HD falling edge allows register updates to occur, including OUT_CONT, which enables all clock outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com