| Electronic Components Datasheet Search |
|
AD9848 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9848 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 36 page ![]() REV. 0 AD9848/AD9849 –19– PRECISION TIMING HIGH-SPEED TIMING GENERATION The AD9848 and AD9849 generate flexible high-speed timing signals using the Precision Timing core. This core is the founda- tion for generating the timing used for both the CCD and the AFE; the reset gate RG, horizontal drivers H1–H4, and the SHP/SHD sample clocks. A unique architecture makes it routine for the system designer to optimize image quality, by providing precise control over the horizontal CCD readout and the AFE correlated double sampling. Timing Resolution The Precision Timing core uses a 1X master clock input (CLI) as a reference. This clock should be the same as the CCD pixel clock frequency. Figure 4 illustrates how the internal timing core divides the master clock period into 48 steps or edge positions. Therefore, the edge resolution of the Precision Timing core is (tCLI/48). For more information on using the CLI input, see the Application Information section. High Speed Clock Programmability Figure 5 shows how the high-speed clocks RG, H1–H4, SHP, and SHD are generated. The RG pulse has programmable rising and falling edges, and may be inverted using the polarity control. The horizontal clocks H1 and H3 have programmable rising and falling edges, and polarity control. The H2 and H4 clocks are always inverses of H1 and H3 respectively. Table II summarizes the high-speed timing registers and their parameters. The edge location registers are 6 bits wide, but there are only 48 valid edge locations available. Therefore, the register values are mapped into four quadrants, with each quadrant containing 12 edge locations. Table III shows the correct register values for the corresponding edge locations. Figure 6 shows the range and default locations of the high-speed clock signals. NOTES 1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH-SPEED CLOCKS. 2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS ( tCLIDLY = 6 ns TYP). P[0] P[48]=P[0] P[12] P[24] P[36] 1 PIXEL PERIOD ... ... CLI tCLIDLY POSITION Figure 4. High-Speed Clock Resolution From CLI Master Clock Input H1/H3 H2/H4 CCD SIGNAL RG (1) (2) (3) (4) (5) (6) NOTES PROGRAMMABLE CLOCK POSITIONS: (1) RG RISING EDGE AND (2) FALLING EDGE (3) SHP AND (4) SHD SAMPLE LOCATION (5) H1/H3 RISING EDGE POSITION AND (6) FALLING EDGE POSITION (H2/H4 ARE INVERSE OF H1/H3) Figure 5. High-Speed Clock Programmable Locations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |