Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 1 Page - Analog Devices

  AD9848 Datasheet HTML 1Page - Analog Devices AD9848 Datasheet HTML 2Page - Analog Devices AD9848 Datasheet HTML 3Page - Analog Devices AD9848 Datasheet HTML 4Page - Analog Devices AD9848 Datasheet HTML 5Page - Analog Devices AD9848 Datasheet HTML 6Page - Analog Devices AD9848 Datasheet HTML 7Page - Analog Devices AD9848 Datasheet HTML 8Page - Analog Devices AD9848 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9848/AD9849
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
CCD Signal Processors with
Integrated Timing Driver
FUNCTIONAL BLOCK DIAGRAM
CLAMP
DOUT
CCDIN
PBLK
VRT
VRB
INTERNAL
REGISTERS
2dB TO 36dB
SYNC
GENERATOR
SDATA
SCK
SL
CLPOB
10 OR 12
VGA
AD9848/AD9849
4 6dB
PRECISION
TIMINGTM
CORE
ADC
VREF
CLAMP
INTERNAL
CLOCKS
PxGA
CDS
HORIZONTAL
DRIVERS
4
RG
H1–H4
HD
VD
CLI
CLPDM
FEATURES
AD9848: 10-Bit, 20 MHz Version
AD9849: 12-Bit, 30 MHz Version
Correlated Double Sampler (CDS)
–2 dB to +10 dB Pixel Gain Amplifier (
PxGA®)
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
10-Bit 20 MHz A/D Converter (AD9848)
12-Bit 30 MHz A/D Converter (AD9849)
Black Level Clamp with Variable Level Control
Complete On-Chip Timing Driver
Precision Timing™ Core with 1 ns Resolution @ 20 MSPS
On-Chip 3 V Horizontal and RG Drivers (AD9848)
On-Chip 5 V Horizontal and RG Drivers (AD9849)
48-Lead LQFP Package
APPLICATIONS
Digital Still Cameras
PRODUCT DESCRIPTION
The AD9848 and AD9849 are highly integrated CCD signal pro-
cessors for digital still camera applications. Both include a complete
analog front end with A/D conversion, combined with a program-
mable timing driver. The Precision Timing core allows adjustment
of high speed clocks with approximately 1 ns resolution.
The AD9848 is specified at pixel rates of 20 MHz, and the
AD9849 is specified at 30 MHz. The analog front end includes
black level clamping, CDS, PxGA, VGA, and a 10- or 12-bit A/D
converter. The timing driver provides the high-speed CCD clock
drivers for RG and H1-H4. Operation is programmed using a
3-wire serial interface.
Packaged in a space-saving 48-lead LQFP, the AD9848 and
AD9849 are specified over an operating temperature range of
–20
°C to +85°C.
PxGA is a registered trademark and Precision Timing is a trademark of Analog Devices, Inc.


Similar Part No. - AD9848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9848AKST AD-AD9848AKST Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9848 AD-AD9848_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
More results

Similar Description - AD9848

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9847 AD-AD9847 Datasheet
428Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
1/03-Data Sheet changed from REV. 0 to REV. A.
AD9847AKCPZRL AD-AD9847AKCPZRL Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9847AKSTZ AD-AD9847AKSTZ Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9849AKSTZ AD-AD9849AKSTZ Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9847 AD-AD9847_15 Datasheet
521Kb / 28P
10-Bit 40 MSPS CCD Signal Processor with Integrated Timing Driver
REV. A
AD9848 AD-AD9848_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9849 AD-AD9849_15 Datasheet
1Mb / 32P
CCD Signal Processors with Integrated Timing Driver
REV. A
AD9891 AD-AD9891_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9895 AD-AD9895_15 Datasheet
670Kb / 58P
CCD Signal Processors with Precision Timing Generator
REV. A
AD9891 AD-AD9891 Datasheet
521Kb / 58P
CCD Signal Processors with Precision Timing??Generator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com