Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9848 Datasheet HTML 19Page - Analog Devices AD9848 Datasheet HTML 20Page - Analog Devices AD9848 Datasheet HTML 21Page - Analog Devices AD9848 Datasheet HTML 22Page - Analog Devices AD9848 Datasheet HTML 23Page - Analog Devices AD9848 Datasheet HTML 24Page - Analog Devices AD9848 Datasheet HTML 25Page - Analog Devices AD9848 Datasheet HTML 26Page - Analog Devices AD9848 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
REV. 0
AD9848/AD9849
–23–
Horizontal Sequence Control
The AD9848/AD9849 uses Sequence Change Positions (SCP)
and Sequence Pointers (SPTR) to organize the individual horizon-
tal sequences. Up to four SCPs are available to divide the
readout into four separate regions, as shown in Figure 12.
The SCP 0 is always hard-coded to line 0, and SCP1–3 are regis-
ter programmable. During each region bounded by the SCP, the
SPTR registers designate which sequence is used by each signal.
HD
HBLK
. . .
THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1)
H1/H3
H1/H3
H2/H4
. . .
. . .
Figure 11. HBLK Masking Control
NOTE
UP TO FOUR INDIVIDUAL HORIZONTAL CLAMP AND BLANKING REGIONS MAY BE
PROGRAMMED WITHIN A SINGLE FIELD, USING THE SEQUENCE CHANGE POSITIONS.
SEQUENCE CHANGE OF POSITION #1
SEQUENCE CHANGE OF POSITION #2
SEQUENCE CHANGE OF POSITION #3
SINGLE FIELD (1 VD INTERVAL)
CLAMP AND PBLK SEQUENCE REGION 0
SEQUENCE CHANGE OF POSITION #0
(V-COUNTER = 0)
CLAMP AND PBLK SEQUENCE REGION 3
CLAMP AND PBLK SEQUENCE REGION 2
CLAMP AND PBLK SEQUENCE REGION 1
Figure 12. Clamp and Blanking Sequence Flexibility
Table VI. Horizontal Sequence Control Parameters for CLPOB, CLPDM, PBLK, and HBLK
Register Name
Length
Range
Description
SCP1–SCP3
12b
0–4095 Line Number
CLAMP/BLANK SCP to Define Horizontal Regions 0–3
SPTR0–SPTR3
2b
0–3 Sequence Number
Sequence Pointer for Horizontal Regions 0–3
CLPOB, CLPDM, PBLK, and HBLK each have a separate
set of SCP. For example, CLPOBSCP1 will define Region 0
for CLPOB, and in that region any of the four individual
CLPOB sequences may be selected with the CLPOBSPTR
registers. The next SCP defines a new region, and in that
region each signal can be assigned to a different individual
sequence. The Sequence Control Registers are summarized
in Table VI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com