| Electronic Components Datasheet Search |
|
AD9848 Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9848 Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 36 page ![]() REV. 0 AD9848/AD9849 –12– SERIAL INTERFACE TIMING SDATA A0 A1 A2 A4 A5 A6 A7 D0 D1 D2 D3 D4 D5 XX XX SCK SL A3 NOTES 1. SDATA BITS ARE LATCHED ON SCK RISING EDGES. 2. 14 SCK EDGES ARE NEEDED TO WRITE ADDRESS AND DATA BITS. 3. FOR 16-BIT SYSTEMS, TWO EXTRA DUMMY BITS MAY BE WRITTEN. DUMMY BITS ARE IGNORED. 4. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE, OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE. 5. VD/HD UPDATE POSITION MAY BE DELAYED TO ANY HD FALLING EDGE IN THE FIELD USING THE UPDATE REGISTER. VD HD SL UPDATED VD/HD UPDATED tDS tDH tLS tLH Figure 3a. Serial Write Operation SDATA A0 A1 A2 A4 A5 A6 A7 D0 D1 D2 D3 D4 D5 SCK SL A3 NOTES 1. MULTIPLE SEQUENTIAL REGISTERS MAY BE LOADED CONTINUOUSLY. 2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 6-BIT DATA WORDS. 3. THE ADDRESS WILL AUTOMATICALLY INCREMENT WITH EACH 6-BIT DATA WORD (ALL 6 BITS MUST BE WRITTEN). 4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED. 5. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE, OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE. D0 D1 D2 D3 D4 D5 D0 ... ... ... DATA FOR STARTING REGISTER ADDRESS DATA FOR NEXT REGISTER ADDRESS D2 D1 Figure 3b. Continuous Serial Write Operation COMPLETE REGISTER LISTING Table I Register Description Register Description oprmode AFE Operation Modes h1drv H1 Drive Current ctlmode AFE Control Modes h2drv H2 Drive Current preventpdate Prevents Loading of VD-Updated Registers h3drv H3 Drive Current readback Enables Serial Register Readback Mode h4drv H4 Drive Current vdhdpol VD/HD Active Polarity rgpol RG Polarity fieldval Internal Field Pulse Value rgposloc RG Positive Edge Location hblkretime Retimes the H1 hblk to Internal Clock rgnegloc RG Negative Edge Location tgcore_rstb Reset Bar Signal for Internal TG Core rgdrv RG Drive Current h12pol H1/H2 Polarity Control shpposloc SHP Sample Location h1posloc H1 Positive Edge Location shdposloc SHD Sample Location h1negloc H1 Negative Edge Location Notes on Register Listing: 1. All addresses and default values are expressed in Hexadecimal. 2. All registers are VD/HD updated as shown in Figure 3, except for the above-listed registers that are SL updated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |