Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 3 Page - Analog Devices

  AD9848 Datasheet HTML 1Page - Analog Devices AD9848 Datasheet HTML 2Page - Analog Devices AD9848 Datasheet HTML 3Page - Analog Devices AD9848 Datasheet HTML 4Page - Analog Devices AD9848 Datasheet HTML 5Page - Analog Devices AD9848 Datasheet HTML 6Page - Analog Devices AD9848 Datasheet HTML 7Page - Analog Devices AD9848 Datasheet HTML 8Page - Analog Devices AD9848 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
REV. 0
–3–
AD9848/AD9849
(TMIN to TMAX, AVDD1 = DVDD3, DVDD4 = 2.7 V, DVDD1, DVDD2 = 2.7 V [AD9848], DVDD1,
DVDD2 = 5.25 V [AD9849], CL = 20 pF, unless otherwise noted.)
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
CLI INPUT
High Level Input Voltage
(AVDD1, 2 +0.5 V)
VIH–CLI
1.85
V
Low Level Input Voltage
VIL–CLI
0.85
V
RG AND H-DRIVER OUTPUTS, AD9848
High Level Output Voltage
(DVDD1, 2 –0.5 V)
VOH
2.2
V
Low Level Output Voltage
VOL
0.5
V
Maximum Output Current (Programmable)
24
mA
Maximum Load Capacitance
100
pF
RG AND H-DRIVER OUTPUTS, AD9849
High Level Output Voltage
(DVDD1, 2 –0.5 V)
VOH
4.75
V
Low Level Output Voltage
VOL
0.5
V
Maximum Output Current (Programmable)
24
mA
Maximum Load Capacitance
100
pF
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com