Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9848 Datasheet HTML 28Page - Analog Devices AD9848 Datasheet HTML 29Page - Analog Devices AD9848 Datasheet HTML 30Page - Analog Devices AD9848 Datasheet HTML 31Page - Analog Devices AD9848 Datasheet HTML 32Page - Analog Devices AD9848 Datasheet HTML 33Page - Analog Devices AD9848 Datasheet HTML 34Page - Analog Devices AD9848 Datasheet HTML 35Page - Analog Devices AD9848 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
REV. 0
AD9848/AD9849
–32–
Driving the CLI Input
The AD9848/AD9849’s master clock input (CLI) may be
used in two different configurations, depending on the appli-
cation. Figure 23a shows a typical dc-coupled input from the
master clock source. When the dc-coupled technique is used,
the master clock signal should be at standard 3 V CMOS
logic levels. As shown in Figure 23b, a 1000 pF ac-coupling
capacitor may be used between the clock source and the CLI
input. In this configuration, the CLI input will self-bias to
the proper dc voltage level of approximately 1.4 V. When the
ac-coupled technique is used, the master clock signal can be
as low as
± 500 mV in amplitude.
17
CCD IMAGER
SIGNAL
OUT
18
13
14
20
29
H2
RG
H3
H4
H1
H2
H1
RG
AD9848/AD9849
CCDIN
Figure 22a. CCD Connections (2 H-Clock)
CCD IMAGER
SIGNAL
OUT
13
14
20
29
RG
H3
H4
H2
H1
RG
AD9848/AD9849
CCDIN
H2
H1
17
18
H1
H2
Figure 22b. CCD Connections (4 H-Clock)
CLI
23
MASTER CLOCK
AD9848/AD9849
ASIC
Figure 23a. CLI Connection, DC-Coupled
CLI
23
MASTER CLOCK
AD9848/AD9849
ASIC
LPF
1nF
Figure 23b. CLI Connection, AC-Coupled
Internal Mode Circuit Configuration
The AD9848/AD9849 may be used in Internal Mode using
the circuit configuration of Figure 24. Internal Mode uses the
same circuit as Figure 21, except that the horizontal pulses
(CLPOB, CLPDM, PBLK, and HBLK) are internally gener-
ated in the AD9848/AD9849. These pins may be grounded when
Internal Mode is used. Only the HD and VD signals are required
from the ASIC.
HD/VD
INPUTS
2
44
39
43
42
41
40
AD9848/AD9849
Figure 24. Internal Mode Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com