Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9848 Datasheet HTML 24Page - Analog Devices AD9848 Datasheet HTML 25Page - Analog Devices AD9848 Datasheet HTML 26Page - Analog Devices AD9848 Datasheet HTML 27Page - Analog Devices AD9848 Datasheet HTML 28Page - Analog Devices AD9848 Datasheet HTML 29Page - Analog Devices AD9848 Datasheet HTML 30Page - Analog Devices AD9848 Datasheet HTML 31Page - Analog Devices AD9848 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
REV. 0
AD9848/AD9849
–28–
20
0
12
0
1
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO "012012" LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN "012012" AND "210210" LINES.
3. FLD STATUS IS IGNORED.
HD
10
2
X
X
PxGA GAIN
REGISTER
FLD
0
ODD FIELD
EVEN FIELD
22
0
0
12
0
1
10
2
0
2
0
Figure 16e. Three-Color Mode II
02
0
13
3
1
VD
NOTES
1. EACH LINE FOLLOWS "01230123" STEERING PATTERN.
2. VD AND HD FALLING EDGES WILL RESET THE PxGA GAIN REGISTER STEERING TO GAIN REGISTER "0".
3. FLD STATUS IS IGNORED.
HD
13
2
X
X
PxGA GAIN
REGISTER
FLD
0
ODD FIELD
EVEN FIELD
20
2
0
13
3
1
13
2
0
2
0
Figure 16f. Four-Color Mode
20
0
31
3
1
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO "01230123" LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN "01230123" AND "23012301" LINES.
3. FLD STATUS IS IGNORED.
HD
13
2
X
X
PxGA GAIN
REGISTER
FLD
0
ODD FIELD
EVEN FIELD
22
0
0
31
3
1
13
2
0
2
0
Figure 16g. Four-Color Mode II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com