Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 7 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 7 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
Electrical Characteristics (continued)
(V
VIN = 4.5V to 40V, Tamb = -40°C to +125°C, unless otherwise noted. Typical values are at VVIN = 14V and Tamb = +25°C.
Positive currents flow into the device pins.)
Description
Condition
Symbol
Min
Typ
Max
Unit
Switching
Switching frequency
f
S
0
1.75
MHz
Minimum LXT on time
I
OUT < IOCP
t
LXT(ON)
260
ns
I
OUT ≥ IOCP
t
LXT(ON)
100
ns
Minimum LXT off time
PGOOD = '1'
t
LXT(OFF)
520
ns
I
OUT ≥ IOCP;
V
SENSE > 1.2V
t
LXT(OFF)
1330
ns
I
OUT ≥ IOCP;
V
SENSE < 1.0V
t
LXT(OFF)
2450
ns
Power Good Detector
Power good detection threshold,
rising edge
V
SENSE,th(LH)/
V
OUT(NOM)
92.5
%
Power good detection threshold,
falling edge
V
SENSE,th(HL)/
V
OUT(NOM)
90
%
Output voltage at pin PGOOD
V
SENSE < VSENSE,th(HL)
I
PGOOD = 2mA
V
PGOOD
0.2
0.4
V
Leakage at pin PGOOD
V
SENSE = VOUT,NOM
V
PGOOD = 5V
I
PGOOD,lk
3
µA
IDLE Detector
IDLE detection delay
no switching
T
IDLE
70
110
150
µs
Average LXT duty cycle for IDLE
Discontinuous
operation
D
IDLE
1.38
%
Wake-up threshold during IDLE
relative to nominal
V
OUT in %
V
SENSE,WU
95
%
Wake-up delay after IDLE
V
SENSE < VSENSE,WU
T
DEL,ACTIVE
10
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com