Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 20 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 20 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG E52201 Datasheet HTML 18Page - ELMOS Semiconductor AG E52201 Datasheet HTML 19Page - ELMOS Semiconductor AG E52201 Datasheet HTML 20Page - ELMOS Semiconductor AG E52201 Datasheet HTML 21Page - ELMOS Semiconductor AG E52201 Datasheet HTML 22Page - ELMOS Semiconductor AG E52201 Datasheet HTML 23Page - ELMOS Semiconductor AG E52201 Datasheet HTML 24Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
11.1 Package Reference QFN20L4
11 Package Reference
11.2 Package Reference TSSOP16
The E522.0x family members are available in a Pb free, RoHS compliant, QFN20L4 plastic package. For dimension
details refer to JEDEC MO-220 VGGD-5.
The package is classified to Moisture Sensitivity Level 3 (MSL 3) according to JEDEC J-STD-020C.
It has been qualified according to IEC 86 part 2-20 for the following soldering profile:
1. (200±5) °C, dwell time (50±5) s
2. (260±5) °C, dwell time <10 s
The E522.0x family members are available in a Pb free, RoHS compliant, TSSOP16 plastic package. For dimension
details refer to JEDEC MO-153 AB.
The package is classified to Moisture Sensitivity Level 3 (MSL 3) according to JEDEC J-STD-020C.
It has been qualified according to IEC 86 part 2-20 for the following soldering profile:
1. (200±5) °C, dwell time (50±5) s
2. (260±5) °C, dwell time <10 s
70
80
90
100
110
120
130
140
0
0,1
0,2
0,3
0,4
0,5
0,6
E522.01-06 max. Package Power Dissipation
max. Device Power vs Ambient Temperature
max Power QFN20L4
max Power TSSOP16
max Power TSSOP16 Ext.
Heatsink 30K/W
max Power TSSOP16 Ext.
Heatsink 10K/W
Ambient Temperature [°C]
Figure 9: Package power dissipation E522.01-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com