Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 9 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 9 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG E52201 Datasheet HTML 13Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
I_SLEEP_IDLE_T
Seite 1
- 50 .0
- 3 0.0
- 10 .0
10.0
30 .0
50 .0
7 0.0
90 .0
11 0.0
130.0
150.0
0
3
6
9
12
15
18
21
24
27
30
Supply Current vs. Temperature (Sleep & Idle Mode)
I_VIN,SLEEP
I_VIN,IDLE
T emp. / °C
I_OCP1_T
Seite 1
- 40 .0
- 20 .0
0.0
20 .0
4 0.0
60.0
80 .0
100.0
120.0
14 0.0
2 50
3 00
3 50
4 00
4 50
5 00
5 50
6 00
6 50
7 00
7 50
8 00
8 50
9 00
9 50
10 00
Current Limitation vs. Temperature (500mA Device)
I_OCP,24kOhm
I_OCP,60kOhm
T emp. / °C
I_OCP2_T
Seite 1
- 40.0
- 2 0.0
0 .0
20 .0
4 0.0
60 .0
80 .0
100.0
12 0.0
14 0.0
15 0
20 0
25 0
30 0
35 0
40 0
45 0
50 0
55 0
60 0
65 0
Current Limitation vs. Temperature (350mA Device)
I_OCP,24kOhm
I_OCP,60kOhm
T emp. / °C
T_WAKEUP_T
Seite 1
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
Re-Enable Delay vs. Temperature (Idle-to-Active)
Temp. / °C
I_ACTIVE_T
Seite 1
-40
-20
0
20
40
60
80
100
120
140
100
120
140
160
180
200
220
240
260
Supply Current vs. Temperature (Active Mode)
Temp. / °C
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
Current Limit at ion vs. Temperat ure (1A Device)
I _OCP,24k Ohm
I _OCP,60k Ohm
Tem p. / °C
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
36.0
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
Current Limit at ion vs. VIN Volt age (24kOhm@OCP)
I _OCP,350m A
I _OCP,500m A
I _OCP,1A
VIN / V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com