Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 5 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 5 Page - ELMOS Semiconductor AG

  E52201 Datasheet HTML 1Page - ELMOS Semiconductor AG E52201 Datasheet HTML 2Page - ELMOS Semiconductor AG E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
6 Electrical Characteristics
Description
Condition
Symbol
Min
Typ
Max
Unit
Supply
Sleep mode
quiescent current
V
ON = 0;
non-switching
I
VIN,q,SLP
8
µA
Active mode
quiescent current
V
ON = VVIN > 8V;
I
OUT < 100µA
I
VIN,q
12
µA
Active mode
quiescent current
V
ON = VVIN
L
XT driver OFF
I
VIN,q
150
µA
Input resistance at pin ON
V
ON = VVIN = 14V
I
ON
7
MΩ
Threshold voltage
at pin ON
V
VIN > 4.5V
V
ON,th
1.40
1.48
1.56
V
VIN Undervoltage Lockout
V
VIN rising
V
VIN,UV
3.5
4.2
V
Output Current Limit Programming
Output voltage at OCP
24kΩ ≤ R
OCP ≤ 60kΩ
V
OCP
500
mV
OCP Selection Resistor
R
OCP
24
60
kΩ
Load capacitance at OCP
C
OCP
100
pF
E522.01 Output
Output regulation threshold 1)
I
OUT = 500mA
V
VIN = 14V
V
OUT
4.8
5.0
5.2
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.7
1.5
Ω
Over-current detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
740
830
920
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
300
350
400
mA
E522.02 Output
Output regulation threshold 1)
I
OUT = 500mA
V
VIN = 14V
V
OUT
3.2
3.33
3.46
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
0.7
1.5
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
740
830
920
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
300
350
400
mA
E522.03 Output
Output regulation threshold 1)
I
OUT = 350mA
V
VIN = 14V
V
OUT
4.8
5.0
5.2
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
1.1
2.5
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
490
550
610
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
190
230
270
mA
E522.04 Output
Output regulation threshold 1)
I
OUT = 350mA
V
VIN = 14V
V
OUT
3.2
3.33
3.46
V
On Resistance at LXT
V
VIN = 14V
R
DS(ON)
1.1
2.5
Ω
Overcurrent detection
R
OCP = 24kΩ
2)
I
OCP,24kΩ
490
550
610
mA
R
OCP = 60kΩ
2)
I
OCP,60kΩ
190
230
270
mA
(V
VIN = 4.5V to 40V, Tamb = -40°C to +125°C, unless otherwise noted. Typical values are at VVIN = 14V and Tamb = +25°C.
Positive currents flow into the device pins.)
1) Given value is switching threshold at pin SENSE, for V
VIN < VOUT regulator provides 100% conductance mode
2) Measured at V
VIN = 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com