Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 11 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 11 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG E52201 Datasheet HTML 13Page - ELMOS Semiconductor AG E52201 Datasheet HTML 14Page - ELMOS Semiconductor AG E52201 Datasheet HTML 15Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
8 Functional Description
8.1 General Description
8.2 Pulse Frequency Modulated Converter
E522.0x product family is a fixed output voltage step-down converter family intended for current-sensitive auto-
motive and general battery driven applications, featuring open loop stability and short current limitation for the
integrated driver transistor. High operating frequency allows the use of small-sized external components.
Integrated IDLE detection provides very low standby currents, significantly reducing the applications total current
consumption. If the application supplied by E522.0x is set into low-current mode (typ. << 1mA, see 8.3), current
consumption at VIN is adapted to typical 12µA only.
The pulse frequency modulation (PFM) scheme does not need a clock signal for operation, providing minimum ON/
OFF time regulation for the internal switch. Furthermore, the PFM scheme allows fastest transient line and load re-
sponses without the need for external compensation networks. Adjustable internal current measurement allows
optimal adaption to the inductor without the need for a shunt resistor.
The LXT switch control signal is based on a combination of output voltage V
SENSE, input voltage VVIN and measured
switch current. It provides adaptive frequency in the range of 0Hz up to typ. 1.33MHz as seen in typical perform-
ance figures.
To avoid unnecessary switching, a minimum ON time of typ. 260ns and OFF time of 520ns is used. ON time will be
reduced below 260ns if over-current is detected. OFF time will automatically be increased in length to limit current
flow during start-up or short circuit to GND at pin LXT or VOUT.
The figure below shows the typical normalized operating frequency in continuous conduction mode:
Pin ON
Load
condition
Load
condition
Internal
Signal
“IDLE”
Mode
V
OUT
I
VIN
V
ON < VON,TH
SLEEP
0V
8µA
V
ON > VON,TH
Nominal load
D > D
IDLE
“0”
NORMAL
V
OUT,nom
150µA
V
ON > VON,TH
Reduced load
<< 1mA
D < D
IDLE
“1”
IDLE
V
OUT,nom
- (0%... -5%)
12µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com