Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 4 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 4 Page - ELMOS Semiconductor AG

  E52201 Datasheet HTML 1Page - ELMOS Semiconductor AG E52201 Datasheet HTML 2Page - ELMOS Semiconductor AG E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
3 Absolute Maximum Ratings
Stresses beyond these absolute maximum ratings listed below may cause permanent damage to the device. These are stress
ratings only; operation of the device at these or any other conditions beyond those listed in the operational sections of this
document is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
All voltages referred to V
GND. Currents flowing into terminals are positive, those drawn out of a terminal are negative.
Description
Condition
Symbol
Min
Max
Unit
Supply voltage at pin VIN
V
VIN
-0.3
40
V
Voltage at pin ON
V
ON
-0.3
40
V
Voltage at pin PGOOD
V
PGOOD
-0.3
40
V
Current at pin PGOOD
I
PGOOD
0
5
mA
Voltage at pin SENSE
V
SENSE
-0.3
6
V
Voltage at pin OCP
V
OCP
-0.3
0.8
V
Voltage at pin LXT
V
LXT
-10
V
IN +0.3
V
Power dissipation (E522.01-06)
P
TOT
500
mW
Power dissipation (E522.07-09)
P
TOT
1
W
Storage temperature
T
STG
-50
+150
°C
4 ESD Protection
Description
Condition
Symbol
Min
Max
Unit
ESD HBM protection at pin VIN
1)
V
ESD(HBM)
3
kV
ESD HBM protection at all other pins
1)
V
ESD(HBM)
2
kV
ESD CDM protection at all pins
2)
V
ESD(CDM)
500
V
ESD CDM protection at corner pins
2)
V
ESD(CDM)C
750
V
1) According to AEC-Q100-002 (HBM) chip level test
2) According to AEC-Q100-011 (CDM) chip level test
5 Recommended Operating Conditions
Description
Condition
Symbol
Min
Max
Unit
Junction temperature
T
J
-40
+150
°C
Ambient temperature
T
amb
-40
+125
°C
Supply voltage at pin VIN
V
VIN
4.5 1)
40
V
1) For V
VIN < VOUT , E522.0x enters 100% duty cycle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com