Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 23 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 23 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG E52201 Datasheet HTML 18Page - ELMOS Semiconductor AG E52201 Datasheet HTML 19Page - ELMOS Semiconductor AG E52201 Datasheet HTML 20Page - ELMOS Semiconductor AG E52201 Datasheet HTML 21Page - ELMOS Semiconductor AG E52201 Datasheet HTML 22Page - ELMOS Semiconductor AG E52201 Datasheet HTML 23Page - ELMOS Semiconductor AG E52201 Datasheet HTML 24Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
11.5 Package Outline TSSOP16
PACKAGE OUTLINE SPECIFICATION
Date : 04.01.2012
Author: ASto
16 Lead Thin Shrink Small Outline Package
(TSSOP16)
QM-No.: 08SP0669.05
Package Outline and Dimensions are according JEDEC MO-153 F, variant AB.
Description
Symbol
mm
inch
min
typ
max
min
typ
max
Package height
A
--
--
1.20
--
--
0.047
Stand off
A1
0.05
--
0.15
0.002
--
0.006
Package body thickness
A2
0.80
1.00
1.05
0.031
0.039
0.041
Width of terminal leads, inclusive lead finish
b
0.19
--
0.30
0.007
--
0.012
Thickness of terminal leads, inclusive lead finish
c
0.09
--
0.20
0.004
--
0.008
Package length
D
4.90
5.00
5.10
0.193
0.197
0.201
Package width
E
6.40 BSC
0.252 BSC
Package body width
E1
4.30
4.40
4.50
0.169
0.173
0.177
Lead pitch
e
0.65 BSC
0.026 BSC
Length of terminal for soldering to substrate
L
0.45
0.60
0.75
0.018
0.024
0.030
Angle of lead mounting area
phi [°]
0
--
8
0
--
8
mold release angle
phi1 [°]
12 REF
12 REF
Number of terminal positions
N
16
16
Note: the mm values are valid, the inch values contains rounding errors
Note 1: for assembler specific pin1 identification please see QM-document 08SP0363.xx (Pin 1 Specification)
Page 1 of 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com