Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 3 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 3 Page - ELMOS Semiconductor AG

  E52201 Datasheet HTML 1Page - ELMOS Semiconductor AG E52201 Datasheet HTML 2Page - ELMOS Semiconductor AG E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
Pin
Name
Type 1)
Description
Remark
QFN20L4 TSSOP16
1
2
VIN
HV S
High-Voltage Supply input
bypass to GND
with a low ESR ca-
pacitance >20µF
2
1
NC
-
Not connected
Open or GND
3
4
ON
HV AI
High-Voltage input to enable converter
4
3
NC
-
Not connected
Open or GND
5
6
PGOOD
HV AO
High-Voltage capable low-side open-drain
output for
power good flag
6
8
AGND
S
Signal ground connection
7
5
NC
-
Not connected
Open or GND
8
7
NC
-
Not connected
Open or GND
9
10
NC
-
Not connected
Open or GND
10
9
OCP
AI
Over-current protection resistor input, con-
nect to ground via resistor
11
-
SENSE
AI
Feedback input for converter regulation,
connect to output voltage
Redundant, con-
nect both SENSE
pins
12
12
SENSE
AI
Feedback input for converter regulation,
connect to output voltage
Redundant, con-
nect both SENSE
pins
13
11
NC
-
Not connected
Open or GND
14
13
PGND
S
Power ground connection
15
15
LXT
HV AO
Integrated high-side switch output, con-
nect freewheeling diode and inductor to
this pin
16
14
NC
-
Not connected
Open or GND
17
16
NC
-
Not connected
Open or GND
18
-
NC
-
Not connected
Open or GND
19
-
NC
-
Not connected
Open or GND
20
-
NC
-
Not connected
Open or GND
21
-
EP
-
Exposed die pad
Connect to GND
1) D = Digital, A = Analog, S = Supply, HV = High voltage (see max. ratings), I = Input, O = Output
Note: Pins with identical names have to be connected.
2.2 Pin Description
Table 1: Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com