Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 14 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 14 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG E52201 Datasheet HTML 13Page - ELMOS Semiconductor AG E52201 Datasheet HTML 14Page - ELMOS Semiconductor AG E52201 Datasheet HTML 15Page - ELMOS Semiconductor AG E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG E52201 Datasheet HTML 18Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
9.2 Application / Implementation Hints
9.2.1 Maximum Input Voltage in case of adjustable output voltage (E522.05/06/09)
The following chapter will give additional recommendations and advices for the implementation of E522.0x, giving
starting values for components during prototyping.
The maximum input voltage is defined by the minimum T
ON,MIN (during over-current limitation) and the requested
output voltage. The following diagram shows the recommended area for the input voltage. If the input voltage is
higher than recommended, due to transient effects the maximum current in the inductor may exceed the config-
ured over-current limitation during start-up or in case of short circuit.
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
VOUT [V]
VOUT = requested
VOUT
IL
LXT > IOCP
RECOMMENDED
AREA
VOUT = requested
VOUT
IL < I
OCP
VOUT ≤ VIN
(100% Duty-
Cycle)
Figure 6: Maximum recommended VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com