Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 8 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 8 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG E52201 Datasheet HTML 10Page - ELMOS Semiconductor AG E52201 Datasheet HTML 11Page - ELMOS Semiconductor AG E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
7 Typical Operating Characteristics
Diagrams showing typical characteristics at V
VIN=14V and TAMB=25°, unless otherwise noted
EFF_DEMO_MAWE
Seite 1
0
50
100
150
200
250
300
350
400
450
500
550
60
65
70
75
80
85
90
95
100
E522.01 Ef f iciency vs Loadcurrent (VIN 7V, 14V, 24V)
EFF,7V
EFF,14V
EFF,24V
Loadcurrent / mA
(continuous conduction mode)
F_LXT_V
Seite 1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Operating Frequency vs. normalized VIN/VOUT
VIN/VOUT Ratio
V_SWITCH5V_T
Seite 1
-40
-20
0
20
40
60
80
100
120
140
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5V S
ense Threshold vs. Temperature
Temp. / °C
(for V
VIN<VOUT sense threshold is info only)
V_SWITCH5V_V
Seite 1
4
8
12
16
20
24
28
32
36
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5V S
ense Threshold vs. Supply Voltage VIN
VIN / V
V_SWITCH3V_T
Seite 1
-40
-20
0
20
40
60
80
100
120
140
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.3V S
ense Threshold vs. Temperature
Temp. / °C
V_SWITCH3V_V
Seite 1
4
8
12
16
20
24
28
32
36
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.3V S
ense Threshold vs. Supply Voltage VIN
VIN / V
- 40
- 20
0
20
40
60
80
100
120
140
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
Adj . Swit ching Threshold vs. Temperat ure
T em p. / ° C
4
8
12
16
20
24
28
32
36
1.36
1.38
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
Adj . Swit ching Threshold vs. Supply VIN
V I N / V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com