Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E52201 Datasheet HTML 1Page - ELMOS Semiconductor AG E52201 Datasheet HTML 2Page - ELMOS Semiconductor AG E52201 Datasheet HTML 3Page - ELMOS Semiconductor AG E52201 Datasheet HTML 4Page - ELMOS Semiconductor AG E52201 Datasheet HTML 5Page - ELMOS Semiconductor AG E52201 Datasheet HTML 6Page - ELMOS Semiconductor AG E52201 Datasheet HTML 7Page - ELMOS Semiconductor AG E52201 Datasheet HTML 8Page - ELMOS Semiconductor AG E52201 Datasheet HTML 9Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
1/24
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT PFM STEP DOWN CONVERTERS
PRELIMINARY INFORMATION - MAY 29, 2012
Features
Applications
ÿ Wide input voltage range 4.5V to 40V
ÿ PFM regulator up to 1.33MHz
ÿ Up to >92% efficiency
ÿ Very low 8µA sleep mode current
ÿ Ultra low 12µA standby current
ÿ 100% duty cycle capability
ÿ Small QFN20L4 lead-less package
ÿ TSSOP16 package
ÿ AEC-Q100 qualification
ÿ Junction temperature range -40°C to +150°C
ÿ Micro Controller Systems
ÿ Automotive Telematics, Dashboards
ÿ Partial Networking
ÿ Peripheral Control Systems
General Description
The E522.01/02/03/04/05/06/07/08/09 product family
provides ultra low quiescent current step down DC/DC
converters with integrated power MOSFET.
The PFM (Pulse Frequency Modulation) regulator allows
outstanding fast line- and load response time, stability
and high efficiency over the full load current range. The
integrated idle detection assures an ultra low idle cur-
rent and high efficiency with low load currents down
to <100µA for the completely powered application. A
power-good signal is provided by a high-voltage open-
drain low-side switch.
The E522.0x buck converter accommodates to common
single supply micro controller applications. Low exter-
nal component count and small QFN20L4 / TSSOP16
package allow compact PCB designs.
Ordering information continued at the end of this document.
Product ID
V
OUT
I
OUT
Ambient Temp.
Range
E522.06
1.5 to 40V 350mA -40°C to +125°C
E522.07
5V
1A
-40°C to +125°C
E522.08
3.3V
1A
-40°C to +125°C
E522.09
1.5 to 40V
1A
-40°C to +125°C
Product ID
V
OUT
I
OUT
Ambient Temp.
Range
E522.01
5V
500mA -40°C to +125°C
E522.02
3.3V
500mA -40°C to +125°C
E522.03
5V
350mA -40°C to +125°C
E522.04
3.3V
350mA -40°C to +125°C
E522.05
1.5 to 40V 500mA -40°C to +125°C
Ordering Information
OCP
E522.0x
SENSE
LLXT
D
R
CIN
COUT
PGOOD
Feedback for E522.05/06/09
OUT
LXT
VIN
AGND
ON
PGND
PG
IN
ON
RSENSE1
RSENSE2
CSENSE


Similar Part No. - E52201

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E522 GILWAY-E522 Datasheet
1,012Kb / 8P
Engineering Catalog 169
logo
Eaton All Rights Reserv...
E522 EATON-E522 Datasheet
1Mb / 8P
Eaton’s Moulded Accessory Range (EMA)
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
LOW QUIESCENT CURRENT STEP DOWN CONVERTER
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
More results

Similar Description - E52201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
logo
Texas Instruments
DRV8803 TI1-DRV8803_12 Datasheet
1Mb / 26P
DRV8803/04/05/06 Evaluation Module
logo
ams AG
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Tyco Electronics
1003800-5 MACOM-1003800-5 Datasheet
915Kb / 10P
Accelerometer ACH-04-08-05
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com