Electronic Components Datasheet Search
  English  ▼

X  

E52201 Datasheet(PDF) 16 Page - ELMOS Semiconductor AG

Part # E52201
Description  The E522.01/02/03/04/05/06/07/08/09 product family provides ultra low quiescent current step down DC/DC converters with integrated power MOSFET.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E52201 Datasheet(HTML) 16 Page - ELMOS Semiconductor AG

Back Button E52201 Datasheet HTML 12Page - ELMOS Semiconductor AG E52201 Datasheet HTML 13Page - ELMOS Semiconductor AG E52201 Datasheet HTML 14Page - ELMOS Semiconductor AG E52201 Datasheet HTML 15Page - ELMOS Semiconductor AG E52201 Datasheet HTML 16Page - ELMOS Semiconductor AG E52201 Datasheet HTML 17Page - ELMOS Semiconductor AG E52201 Datasheet HTML 18Page - ELMOS Semiconductor AG E52201 Datasheet HTML 19Page - ELMOS Semiconductor AG E52201 Datasheet HTML 20Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16/24
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.01
PRELIMINARY INFORMATION - MAY 29, 2012
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
9.2.3 L
LXT Inductor Selection
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
Maximum IOUT
L=18uH
L=33uH
L=52uH
L=63uH
L=82uH
L=100uH
VOUT (V)
For example, with an inductor of 33µH and an output voltage of 20V, the minimum available output current is 175mA.
Figure 8: Maximum Output Current vs. Ouput Voltage (350mA / E522.06)
For a given application (in continuous conducting mode), it is either recommended to choose an inductance value
that is suitable for ±15% current ripple at the typical operating frequency or to use the following equations.
Depending on V
VIN to VOUT ratio, usually two equations describe the maximum peak-to-peak current ripple in the
inductor L
LXT. It can either be calculated from the maximum input voltage at VIN (VVIN,MAX,APP)
a)
or by the following equation (with V
DIODE being the forward voltage drop of the free-wheeling diode)
b)
Take the higher result of both equations into account during choice of the external capacitors ESR (see chapter 9.2.4).
The minimum ripple may either occur at the maximum operation frequency or at the lowest input voltage that is
required for the application. In most cases, the current ripple at peak-operating-frequency can also be calculated
by equation b) above.
To choose a sufficiently high saturation current for the inductor L
LXT, consider
- the maximum application load current plus half of the maximum ripple current calculated above and
- the configured current limitation derived from R
OCP (to avoid degradation or other effects due to saturation of
the inductor core - depending on the magnetic core material)
In general an additional saturation margin of >25% for the inductor current rating is recommended for transient
effects, especially at extreme V
VIN to VOUT voltage ratios.
DC resistance of L
LXT (referred here as RLXT,DC) reduces efficiency and contributes to the losses in the inductor (com-
bined with AC losses which may arise due the use of high frequency operation). A DC resistance <0.5Ω is recommend-
ed for E522.01-06 (<0.25Ω for E522.07-09). At a given load current I
LOAD, resistance affects minimum input voltage re-
quired to regulate V
OUT in the following way
I RIPPLE,LXT ,PP1=
T ON ,MIN⋅(VVIN ,MAX ,APP−VOUT ,NOM )
LLXT
I RIPPLE,LXT ,PP2=
T OFF ,MIN ,NOM⋅(VOUT ,NOM+V DIODE )
LLXT
V ,MIN
IN
=V OUT ,NOM +I LOAD+(RDS(ON)+RLXT ,DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com