Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 12Page - Analog Devices ADMC300 Datasheet HTML 13Page - Analog Devices ADMC300 Datasheet HTML 14Page - Analog Devices ADMC300 Datasheet HTML 15Page - Analog Devices ADMC300 Datasheet HTML 16Page - Analog Devices ADMC300 Datasheet HTML 17Page - Analog Devices ADMC300 Datasheet HTML 18Page - Analog Devices ADMC300 Datasheet HTML 19Page - Analog Devices ADMC300 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ADMC300
–16–
REV. B
ADC Group Delay
The digital filters of the ADCs carry out two important func-
tions. First, they remove the out-of-band quantization noise,
which has been suitably shaped by the noise-shaping circuits of
the input modulator stages. The digital filters then decimate the
high frequency bitstream from the modulators to a lower rate
16-bit word. The lower rate is set by the ADC divide registers
for the respective ADC banks as described previously. The
antialiasing decimation filter may be modeled by the Z-domain
transfer function:
HSINC(Z )
=
1
64
1
− z−64
1
− z−1


3
Associated with the sinc filters is a group delay that may be
approximated by:
tφ =
1.5
f
S
where fS is the update rate of the particular ADC channel. In
order to minimize the impact of the group delay on the overall
performance of the control system, it is advantageous to over-
sample the ADCs at a rate faster than the PWM frequency.
ADC Calibration
The ADC system of the ADMC300 has a calibration feature
that may be used to null any offsets in the ADC channels. There
is a 5-bit ADC calibration register, ADCCAL that has a dedi-
cated bit for each ADC channel. Setting the appropriate bit of
the ADCCAL register will place the respective ADC channel in
the offset calibration state. Bit 0 controls ADC1, Bit 1 con-
trols ADC2, etc. When the appropriate bit of the ADCCAL
register is set, the two input pins associated with that ADC chan-
nel are effectively disconnected from the pins of the ADMC300
and connected internally to the reference voltage. After wait-
ing for the settling time of the decimation filters, the resultant
ADC code is a measure of the offset for that particular ADC
channel. This number should be saved in memory and used to
correct all further measurements from that channel.
ADC Interrupt Generation
Two dedicated interrupts are associated with the ADC system
of the ADMC300, one for each of the ADC banks. The inter-
rupts are generated after the ADC data registers of the particu-
lar bank have been updated by either an internal or external
CONVST pulse. Interrupts are not generated when the ADCs
are in the read mode. There are separate interrupt vector loca-
tions associated with each of the interrupt sources. The ADC
Bank A interrupt is the highest priority interrupt with its vector
address at program memory location 0x0030. The Bank B
interrupt is the third highest priority interrupt with a vector
address of 0x0038. Each interrupt has a four word space in the
vector table. The sequencing and masking of these interrupts is
managed by the Programmable Interrupt Controller (PIC)
block described later.
ADC Multiplexer Control
The ADMC300 has three digital output pins, MUX2, MUX1
and MUX0, that can be used to drive an external multiplexer to
feed additional analog inputs to the ADCs if required. Using
these control lines, up to eight analog signals could be exter-
nally multiplexed into each ADC channel, allowing expansion
up to 40 analog inputs. The state of the three multiplexer pins
is directly controlled from the ADCCTRL register, using Bits
4–6. Bit 4 of the ADCCTRL register directly controls the
MUX0 pin, so that setting this bit will place a HI level on the
MUX0 pin. Similarly, Bit 5 directly controls the MUX1 pin
and Bit 6 controls the MUX2 pin.
Because of the finite impulse response of the decimation filters
of the ADCs, it is usually only slower dynamic signals that are
multiplexed into the ADCs. In a typical motor control system,
such signals may comprise the dc link voltage, the output of
various temperature sensors, reference inputs, etc.
ADC Status
Because of the dynamic characteristics of the decimation filters
of the sigma-delta converters, it is necessary to allow the
impulse response of the filters to decay before meaningful,
accurate data is available. There is a one-bit status register,
ADCSTAT, in the ADMC300 that indicates whether or not
valid data is available from the ADC. Bit 0 of the ADCSTAT
register is asserted while the decimation filters are settling to
indicate that data is not yet valid. This BUSY bit can be pro-
grammed to represent the status of the decimation filters of either
Bank A or Bank B by programming Bit 9 of the ADCCTRL
register. The BUSY bit will go active for four ADC sample
periods any time that ADCCTRL, ADCCAL or ADCSYNC
are written to. If Bit 9 of the ADCCTRL register is cleared, the
BUSY bit will go active any time ADCDIVA is written to, and the
four ADC sample period width of the BUSY pulse will be four
ADC Bank A sample periods. If Bit 9 of the ADCCTRL register
is set, the BUSY bit will go active any time the ADCDIVB
register is written to, and the four ADC sample period width of
the BUSY pulse will be four ADC Bank B sample periods. It is
still possible to read the ADC data registers while the BUSY
signal is asserted. However, care must be taken in the interpre-
tation of such data.
ADC Power-Down and Reset Features
The ADC section of the ADMC300 has certain power-down
features that may be used to reduce the overall power consump-
tion of the part. Each bank of the ADC system may be individually
powered down if all channels of that bank are not used in a par-
ticular application. Setting Bit 10 of the ADCCTRL register will
power down the input modulators of both ADC channels of
ADC Bank A. Similarly, setting Bit 11 of the ADCCTRL
register will power down the three ADC channels of Bank B.
Clearing these bits will enable the input modulators of the
respective banks. On power-up, both Bits 10 and 11 of the
ADCCTRL register are set by default, so that all five input
modulator stages are disabled. To operate the required ADC
channels, the appropriate bits in the ADCCTRL register must
be cleared.
In addition, setting Bit 12 of the ADCCTRL register will
power down the internal reference circuitry. Further power
reduction is possible if this reference circuitry is powered down.
However, this bit has an effect only if both ADC banks are also
powered down. Clearing Bit 12 of the ADCCTRL register will
enable the internal reference circuitry.
It is also possible to force a reset of all five input modulators of
the ADC system by setting Bit 14 of the ADCCTRL register.
Setting Bit 15 of the ADCCTRL register will force a reset of
the decimation filters in all five ADC channels. In order to
come out of input modulator reset or decimation filter reset,
the respective bit must be cleared. On power-up, these bits are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com