Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 25Page - Analog Devices ADMC300 Datasheet HTML 26Page - Analog Devices ADMC300 Datasheet HTML 27Page - Analog Devices ADMC300 Datasheet HTML 28Page - Analog Devices ADMC300 Datasheet HTML 29Page - Analog Devices ADMC300 Datasheet HTML 30Page - Analog Devices ADMC300 Datasheet HTML 31Page - Analog Devices ADMC300 Datasheet HTML 32Page - Analog Devices ADMC300 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ADMC300
–29–
REV. B
Interrupt Configuration
The IFC and ICNTL registers of the DSP core control and
configure the interrupt controller of the DSP core. The IFC
register is a 16-bit register that may be used to force and/or clear
any of the eight DSP interrupts. Bits 0 to 7 of the IFC register
may be used to clear the DSP interrupts while Bits 8 to 15 can be
used to force a corresponding interrupt. Writing to Bits 11 and 12
in IFC is the only way to create the two software interrupts.
The ICNTL register is used to configure the sensitivity (edge or
level) of the
IRQ0, IRQ1 and IRQ2 interrupts and to enable/
disable interrupt nesting. Setting Bit 0 of ICNTL configures the
IRQ0 as edge sensitive while clearing the bit configures it for
level sensitive. Bit 1 is used to configure the
IRQ1 interrupt and
Bit 2 is used to configure the
IRQ2 interrupt. It is recommended
that the
IRQ2 interrupt be always configured for level sensitive
as this ensures that no peripheral interrupts are lost. Setting Bit 4
of the ICNTL register enables interrupt nesting. The configura-
tion of both IFC and ICNTL registers is shown at the end of
the data sheet.
Interrupt Operation
Following a reset, the ROM code monitor of the ADMC300
copies a default interrupt vector table into program memory
RAM from address 0x0000 to 0x005F. Since each interrupt
source has a dedicated four word space in this vector table, it is
possible to code short interrupt service routines (ISR) in place.
Alternatively, it may be required to insert a JUMP instruction to
the appropriate start address of the interrupt service routine if
more memory is required for the ISR.
On the occurrence of an interrupt, the program sequencer en-
sures that there is no latency (beyond synchronization delay)
when processing unmasked interrupts. In the case of the timer,
SPORT0, SPORT1 and software interrupts, the interrupt con-
troller automatically jumps to the appropriate location in the
interrupt vector table. At this point, a JUMP instruction to the
appropriate ISR is required.
In the event of a motor control peripheral interrupt, the opera-
tion is slightly different. For any of the eleven peripheral inter-
rupts, the interrupt controller automatically jumps to location
0x0004 in the interrupt vector table. In addition, the required
vector address (between 0x0030 and 0x0058) associated with
the particular interrupt source is placed in the PICVECTOR
register of the PIC block. Code loaded at location 0x0004 by
the monitor on reset subsequently performs a JUMP from loca-
tion 0x0004 to the address specified in the PICVECTOR regis-
ter. This operation with the PICVECTOR register results in a
slightly longer latency associated with processing any of the
peripheral interrupts, as compared with the latency of the inter-
nal DSP core interrupts.
The code located at location 0x0004 by the monitor on reset is
as follows:
0x0004: DM (I4_SAVE) = I4;
I4 = DM (PICVECTOR);
JUMP (I4
);
The default code for each of the motor control peripherals is:
I4 = DM (I4_SAVE);
RTI;
Note that this default restores I4 to its value before the inter-
rupt. The user should replace the RTI with a JUMP to their
ISR. The PUT_VECTOR ROM subroutine can be used to
replace the RTI with the JUMP.
The PIC block manages the sequencing of the eleven motor
control peripheral interrupts. In the case of multiple simulta-
neous interrupts, the PIC will load the PICVECTOR register
with the vector address of the highest priority pending interrupt.
The contents of the PICVECTOR register will remain fixed
until read by the DSP. This action is performed by the default
DSP code at location 0x0004. The PIC block only asserts a
new interrupt after the PICVECTOR register has been read.
SYSTEM CONTROLLER
The system controller block of the ADMC300 performs a num-
ber of distinct functions:
1. Manages the interface and data transfer between the DSP
core and the motor control peripherals.
2. Controls the multiplexing of the SPORT1 pins to select
either the DR1A or DR1B data receive pins. It also allows
configuration of SPORT1 as a UART interface.
3. Manages the software flags of the DSP core.
4. Contains a status register (SYSSTAT) that indicates the
state of the
PWMTRIP, PWMPOL pins and the watchdog
timer.
5. Performs a reset of the motor control peripherals and control
registers following a hardware, software or watchdog initiated
reset.
DSP
CORE
SPORT1
DR1A
DR1B
TFS1
RFS1/
SROM
SCLK1
MODECTRL (5…4)
UARTEN
DR1SEL
DT1
DR1
TFS1
RFS1
SCLK1
FL1
ADMC300
DT1
Figure 19. Internal Multiplexing of SPORT1 Pins
SPORT1 Control
The ADMC300 uses SPORT1 as the default serial port for boot
loading and as the interface to the development environment.
There are two data receive pins, DR1A and DR1B, on the
ADMC300. This permits DR1A to be used as the data receive
pin when interfacing to serial ROM or E
2PROM for boot load-
ing. Alternatively, if connecting through another external device
for either boot loading or interface to the development environ-
ment, the DR1B pin can be used. Both data receive pins are
multiplexed internally into the single data receive input of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com