Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 15Page - Analog Devices ADMC300 Datasheet HTML 16Page - Analog Devices ADMC300 Datasheet HTML 17Page - Analog Devices ADMC300 Datasheet HTML 18Page - Analog Devices ADMC300 Datasheet HTML 19Page - Analog Devices ADMC300 Datasheet HTML 20Page - Analog Devices ADMC300 Datasheet HTML 21Page - Analog Devices ADMC300 Datasheet HTML 22Page - Analog Devices ADMC300 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
ADMC300
–19–
REV. B
In single update mode, a single PWMSYNC pulse is produced
in each PWM period. The rising edge of this signal marks the
start of a new PWM cycle and is used to latch new values from
the PWM configuration registers (PWMTM, PWMDT, PWMPD
and PWMSYNCWT) and the PWM duty cycle registers
(PWMCHA, PWMCHB and PWMCHC) into the three-phase
timing unit. In addition, the PWMSEG register is also latched
into the output control unit on the rising edge of the PWM-
SYNC pulse. In effect, this means that the characteristics and
resultant duty cycles of the PWM signals can be updated only
once per PWM period at the start of each cycle. The result is
that PWM patterns that are symmetrical about the midpoint of
the switching period are produced.
In double update mode, there is an additional PWMSYNC
pulse produced at the midpoint of each PWM period. The
rising edge of this new PWMSYNC pulse is again used to latch
new values of the PWM configuration registers, duty cycle
registers and the PWMSEG register. As a result it is possible to
alter both the characteristics (switching frequency, dead time,
minimum pulsewidth and PWMSYNC pulsewidth) as well as
the output duty cycles at the midpoint of each PWM cycle.
Consequently, it is possible to produce PWM switching patterns
that are no longer symmetrical about the midpoint of the period
(asymmetrical PWM patterns).
In double update mode, it may be necessary to know whether
operation at any point in time is in either the first half or the
second half of the PWM cycle. This information is provided by
Bit 3 of the SYSSTAT register, which is cleared during opera-
tion in the first half of each PWM period (between the rising
edge of the original PWMSYNC pulse and the rising edge of
the new PWMSYNC pulse introduced in double update mode).
Bit 3 of the SYSSTAT register is set during operation in the
second half of each PWM period. This status bit allows the user
to make a determination of the particular half-cycle during
implementation of the PWMSYNC interrupt service routine, if
required.
The advantage of double update mode is that lower harmonic
voltages can be produced by the PWM process and faster con-
trol bandwidths are possible. However, for a given PWM switching
frequency, the PWMSYNC pulses occur at twice the rate in the
double update mode. Since new duty cycle values must be
computed in each PWMSYNC interrupt service routine, there
is a larger computational burden on the DSP in double update
mode.
Width of the PWMSYNC Pulse, PWMSYNCWT Register
The PWM controller of the ADMC300 produces an output
PWM synchronization pulse at a rate equal to the PWM switch-
ing frequency in single update mode and at twice the PWM
frequency in the double update mode. This pulse is available
for external use at the PWMSYNC pin. The width of this
PWMSYNC pulse is programmable by the 8-bit read/write
PWMSYNCWT register. The width of the PWMSYNC pulse,
TPWMSYNC, is given by:
TPWMSYNC = tCK
× (PWMSYNCWT + 1)
so that the width of the pulse is programmable from tCK to
256tCK (corresponding to 40 ns to 10.24
µs for a CLKOUT rate
of 25 MHz). Following a reset, the PWMSYNCWT register
contains 0x27 (= 39) so that the default PWMSYNC width is
1.6
µs.
PWM Duty Cycles, PWMCHA, PWMCHB, PWMCHC
Registers
The duty cycles of the six PWM output signals on pins AH to
CL are controlled by the three 16-bit read/write duty cycle
registers, PWMCHA, PWMCHB and PWMCHC. The integer
value in the register PWMCHA controls the duty cycle of the
signals on AH and AL, PWMCHB controls the duty cycle of
the signals on BH and BL and PWMCHC controls the duty
cycle of the signals on CH and CL. The duty cycle registers are
programmed in integer counts of the fundamental time unit,
tCK, and define the desired on-time of the high-side PWM sig-
nal produced by the three-phase timing unit over half the PWM
period. The switching signals produced by the three-phase
timing unit are also adjusted to incorporate the programmed
dead time value in the PWMDT register. The three-phase timing
unit produces active LO signals so that a LO level corresponds to a
command to turn on the associated power device.
A typical pair of PWM outputs (in this case for AH and AL)
from the timing unit are shown in Figure 12 for operation in
single update mode. All illustrated time values indicate the
integer value in the associated register and can be converted to
time by simply multiplying by the fundamental time increment,
tCK. First, it is noted that the switching patterns are perfectly
symmetrical about the midpoint of the switching period in this
single update mode since the same values of PWMCHA,
PWMTM and PWMDT are used to define the signals in both
half cycles of the period. It can be seen how the programmed
duty cycles are adjusted to incorporate the desired dead time
into the resultant pair of PWM signals. Clearly, the dead time is
incorporated by moving the switching instants of both PWM
signals (AH and AL) away from the instant set by the PWMCHA
register. Both switching edges are moved by an equal amount
(PWMDT
× t
CK) to preserve the symmetrical output patterns.
Also shown is the PWMSYNC pulse whose width is set by the
PWMSYNCWT register and Bit 3 of the SYSSTAT register
that indicates whether operation is in the first or second half
cycle of the PWM period.
PWMSYNC
AH
AL
PWMCHA
PWMCHA
2
PWMDT
PWMSYNCWT + 1
2
PWMDT
SYSSTAT (3)
PWMTM
PWMTM
Figure 12. Typical PWM Outputs of Three-Phase Timing
Unit in Single Update Mode (Active LO Waveforms)
The resultant on-times of the PWM signals in Figure 12 may be
written as:
TAH = 2
× (PWMCHA – PWMDT) × t
CK
TAL = 2
× (PWMTM – PWMCHA – PWMDT) × t
CK
and the corresponding duty cycles are:
dAH
=
T AH
TS
=
PWMCHA – PWMDT
PWMTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com