Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 16Page - Analog Devices ADMC300 Datasheet HTML 17Page - Analog Devices ADMC300 Datasheet HTML 18Page - Analog Devices ADMC300 Datasheet HTML 19Page - Analog Devices ADMC300 Datasheet HTML 20Page - Analog Devices ADMC300 Datasheet HTML 21Page - Analog Devices ADMC300 Datasheet HTML 22Page - Analog Devices ADMC300 Datasheet HTML 23Page - Analog Devices ADMC300 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ADMC300
–20–
REV. B
dAL
=
T AL
TS
=
PWMTM – PWMCHA – PWMDT
PWMTM
The minimum permissible TAH and TAL values are zero, corre-
sponding to a 0% duty cycle. In a similar fashion, the maximum
value is TS, corresponding to a 100% duty cycle.
The output signals from the timing unit for operation in double
update mode are shown in Figure 13. This illustrates a com-
pletely general case where the switching frequency, dead time
and duty cycle are all changed in the second half of the PWM
period. Of course, the same value for any or all of these quanti-
ties could be used in both halves of the PWM cycle. However, it
can be seen that there is no guarantee that symmetrical PWM
signals will be produced by the timing unit in double update
mode. Additionally, it is seen that the dead time is inserted into
the PWM signals in the same way as in the single update mode.
PWMCHA2
2
PWMDT1
2
PWMDT2
PWMSYNCWT2 + 1
PWMCHA1
PWMTM1
PWMTM2
PWMSYNCWT1 + 1
AH
AL
PWMSYNC
SYSSTAT (3)
Figure 13. Typical PWM Outputs of Three-Phase Timing
Unit in Double Update Mode (Active LO Waveforms)
In general the on-times of the PWM signals in double update
mode can be defined as:
T AH
= (PWMCHA
1
+ PWMCHA
2 – PWMDT 1 – PWMDT 2 )
× t
CK
T AL
= (PWMTM
1
+ PWMTM
2 – PWMCHA1 – PWMCHA
2
– PWMDT1 – PWMDT 2 )
× t
CK
where the subscript 1 refers to the value of that register during
the first half cycle and the subscript 2 refers to the value during
the second half cycle. The corresponding duty cycles are:
d
T
T
PWMCHA
PWMCHA
PWMDT
PWMDT
PWMTM
PWMTM
AH
AH
S
==
+
+
(
––
)
()
12
1
2
12
d
T
T
PWMTM
PWMTM
PWMCHA
PWMCHA
PWMDT
PWMDT
PWMTM
PWMTM
AL
AL
S
==
+
+
(
––
–
–
)
()
12
1
2
1
2
12
since for the completely general case in double update mode, the
switching period is given by:
TS
= (PWMTM
1
+ PWMTM
2 )
× t
CK
Again, the values of TAH and TAL are constrained to lie between
zero and TS.
PWM signals similar to those illustrated in Figure 12 and Figure
13 can be produced on the BH, BL, CH and CL outputs by
programming the PWMCHB and PWMCHC registers in a
manner identical to that described for PWMCHA.
The PWM controller does not produce any PWM outputs until
all of the PWMTM, PWMCHA, PWMCHB and PWMCHC
registers have been written to at least once. Once these registers
have been written, internal counting of the timers in the
three-phase timing unit is enabled. Writing to the PWMTM
register starts the internal timing of the main PWM timer. Pro-
vided the PWMTM register is written prior to the PWMCHA,
PWMCHB and PWMCHC registers in the initialization,
the first PWMSYNC pulse and interrupt (if enabled) appear
1.5
× t
CK
× PWMTM seconds after the initial write to the
PWMTM register in single update mode. In double update
mode, the first PWMSYNC pulse appears after PWMTM
×
tCK seconds.
Effective PWM Resolution
In single update mode, the same value of PWMCHA, PWMCHB
and PWMCHC is used to define the on-times in both half
cycles of the PWM period. As a result the effective resolution
of the PWM generation process is 2tCK (or 80 ns for a 25 MHz
CLKOUT), since incrementing one of the duty cycle registers
by one changes the resultant on-time of the associated PWM
signals by tCK in each half period (or 2tCK for the full period).
In double update mode, improved resolution is possible since
different values of the duty cycle registers are used to define the
on-times in both the first and second halves of the PWM pe-
riod. As a result, it is possible to adjust the on-time over the
whole period in increments of tCK. This corresponds to an
effective PWM resolution of tCK in double update mode (or
40 ns for a 25 MHz CLKOUT).
The achievable PWM switching frequency at a given PWM
resolution is tabulated in Table V.
Table V. Achievable PWM Resolution in Single and Double
Update Modes
Single Update Mode
Double Update Mode
Resolution
PWM Frequency
PWM Frequency
(Bits)
(kHz)
(kHz)
8
48.8
97.6
9
24.4
48.8
10
12.2
24.4
11
6.1
12.2
12
3.05
6.1
Minimum Pulsewidth, PWMPD Register
In many power converter switching applications, it is desirable
to eliminate PWM switching signals below a certain width. It
takes a certain finite time to both turn on and turn off modern
power semiconductor devices. Therefore, if the width of any of
the PWM signals goes below some minimum value, it may be
desirable to completely eliminate the PWM switching for that
particular cycle.
The allowable minimum on-time for any of the six PWM out-
puts over half a PWM period that can be produced by the
PWM controller may be programmed using the PWMPD regis-
ter. The minimum on-time is programmed in increments of tCK
so that the minimum on-time that will be produced over any
half PWM period, TMIN, is related to the value in the PWMPD
register by:
TMIN = PWMPD
× tCK
so that a PWMPD value of 0x002 defines a permissible mini-
mum on-time of 80 ns for a 25 MHz CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com