Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 19Page - Analog Devices ADMC300 Datasheet HTML 20Page - Analog Devices ADMC300 Datasheet HTML 21Page - Analog Devices ADMC300 Datasheet HTML 22Page - Analog Devices ADMC300 Datasheet HTML 23Page - Analog Devices ADMC300 Datasheet HTML 24Page - Analog Devices ADMC300 Datasheet HTML 25Page - Analog Devices ADMC300 Datasheet HTML 26Page - Analog Devices ADMC300 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ADMC300
–23–
REV. B
EIUMAXCNT. There is also a single north marker mode avail-
able in which the encoder quadrature counter is reset only on
the first zero pulse. Both modes are enabled by dedicated con-
trol bits in the EIU control register, EIUCTRL. A status bit is
set in the EIUSTAT register on the first occurrence of the zero
pulse.
The Encoder Interface Unit can also be made to implement
some error checking functions. If the error checking mode is
enabled, upon the occurrence of a zero pulse, the contents of
the encoder counter register are compared with the expected
value (0 or EIUMAXCNT depending on the direction of rota-
tion). If an encoder count error is detected (say due to a discon-
nected encoder line), a status bit in the EIUSTAT register is set
and an EIU interrupt is generated.
An additional status bit is provided in the EIUSTAT register,
which indicates the initialization state of the EIU. Until the
EIUMAXCNT register is written to, the EIU is not initialized.
Three status bits in the EIUSTAT register can also be read to
read the state of the three EIU pins, EIA, EIB and EIZP.
The Encoder Interface Unit of the ADMC300 contains a 16-bit
loop timer that behaves in a manner similar to the program-
mable interval timer of the DSP core. The loop timer consist of
a timer register, period register and scale register so that it can
be programmed to time-out and reload at appropriate intervals.
A control bit in the EIUCTRL register is used to enable/disable
this loop timer. When this loop timer times out, an EIU inter-
rupt is generated. This interrupt could be used to control the
timing of speed and position control loops in high performance
drives.
The Encoder Interface Unit also includes a high performance
Encoder Event Timer (EET) block that permits the accurate
timing of successive events of the encoder inputs. The EET can
be programmed to time the duration between up to 256 encoder
pulses and can be used to enhance velocity estimation, particu-
larly at low speeds of rotation. The information from the regis-
ters of the EET block can be latched in two ways. In one mode,
both the contents of the EIU quadrature count register, EIUCNT
and all relevant EET registers (EETT and EETDELTAT) are
latched when the EIU loop timer times out. In the second
mode, the act of reading the EIUCNT register also simulta-
neously latches the EET registers. The EET data latching mode
is selected by a control bit in the EIUCTRL register.
Encoder Loop Timer
The EIU contains a 16-bit loop timer that is structured in a
manner similar to the interval timer of the DSP core (TCOUNT,
TPERIOD and TSCALE registers). The corresponding regis-
ters of the encoder loop timer are EIUTIMER, EIUPERIOD
and EIUSCALE. The EIU loop timer is clocked at the CLKIN
rate.
The EIU loop timer can be used to generate periodic interrupts
based on multiples of the CLKIN cycle times. The EIU loop
timer is enabled by setting Bit 5 of the EIUCTRL register.
When enabled, the 16-bit timer register (EIUTIMER) is decre-
mented every N cycles, where N-1 is the scaling value stored in
the 8-bit EIUSCALE register. When the value of the EIUTIMER
register reaches zero an EIU interrupt is generated and the
EIUTIMER register is reloaded with the 16-bit value in the
EIUPERIOD register.
The scaling feature of this timer, provided by the EIUSCALE
register, allows the 16-bit timer to generate periodic interrupts
over a wide range of periods. For a 12.5 MHz CLKIN rate
(80 ns period), the timer can generate interrupts with periods of
80 ns up to 5.24 ms with a zero scale value (EIUSCALE = 0).
When scaling is used, time periods can range up to 1.34 seconds.
The EIU interrupt can be masked in the PICMASK register.
Encoder Interface Structure and Operation
The functional block diagram of the entire encoder interface
system of the ADMC300 is shown in Figure 16. The encoder
interface section consists of a 16-bit quadrature up/down counter,
a 16-bit read/write EIUCNT register that allows the up/down
counter to be read by the DSP. There is also a 16-bit read/
write EIUMAXCNT register that must be written to initialize
the encoder system. Until the EIUMAXCNT register has been
written to, the Encoder Interface Unit is not initialized and Bit 2
of the EIUSTAT register is set. The contents of the EIUMAXCNT
register are used in certain operating modes to reset the quadra-
ture counter. The contents of the EIUMAXCNT register are
also used for error checking of the EIU. Operation of the en-
coder interface is controlled by the 6-bit read/write EIUCTRL
register.
Typical encoder waveforms are illustrated in Figure 17. The
contents of the quadrature counter are updated on each edge of
both encoder signals applied on the EIA and EIB pins. Prior to
application to the quadrature counter, these signals are synchro-
nized to the CLKIN rate in input synchronization buffers. This
eliminates the asynchronous nature of real world encoder signals
prior to use in the Encoder Interface Unit logic.
Encoder Counter Direction
The direction of quadrature counting is determined by the REV
bit (Bit 0) of the EIUCTRL register. If the REV bit is cleared,
the signal at the EIA pin is fed to the A input of the quadrature
counter, and the EIB pin is fed to the B input. Thus, if the EIA-
encoder signal leads the EIB signal (and therefore the A signal
leads the B signal), the quadrature counter is incremented on
each edge, as shown in Figure 17. This (A signal leads the B
signal) is defined as the forward direction of motion. Setting
Bit 0 of the EIUCTRL register causes the signal at the EIA pin
to be fed to the B input of the quadrature counter and the signal
EIB becomes the A input of the quadrature counter. Therefore,
if the EIA signal leads the EIB signal at the pins of the ADMC300,
the A input to the quadrature counter will now lag the B input.
This will be recognized as rotation in the reverse direction and
the counter will be decremented on each quadrature pulse.
Following a reset, the REV bit is cleared.
As shown in Figure 16, the two encoder signals are used to
derive a quadrature signal that is used, in conjunction with a
direction bit, to increment or decrement the encoder counter
and also the Encoder Event Timer. The status of the direction
signal is indicated at Bit 1 of the EIUSTAT register. While the
encoder counter is incrementing, Bit 1 is set. Alternatively,
when the encoder counter is decrementing, Bit 1 of the EIUSTAT
register is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com