Electronic Components Datasheet Search
  English  ▼

X  

ADMC300 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMC300
Description  High Performance DSP-Based Motor Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC300 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMC300 Datasheet HTML 22Page - Analog Devices ADMC300 Datasheet HTML 23Page - Analog Devices ADMC300 Datasheet HTML 24Page - Analog Devices ADMC300 Datasheet HTML 25Page - Analog Devices ADMC300 Datasheet HTML 26Page - Analog Devices ADMC300 Datasheet HTML 27Page - Analog Devices ADMC300 Datasheet HTML 28Page - Analog Devices ADMC300 Datasheet HTML 29Page - Analog Devices ADMC300 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ADMC300
–26–
REV. B
EIU/EET Registers
The EIU and EET registers are summarized at the end of the
data sheet.
PROGRAMMABLE INPUT/OUTPUT
The ADMC300 has 12 programmable digital input/output pins
called PIO0 to PIO11. Each pin may be individually configured
as either an input or an output. An associated data register may
be used to read data from pins configured as inputs and write
data to pins configured as outputs. In addition, each I/O line
may be configured as an interrupt source. Both edge (rising and
falling) and level (high and low) interrupts may be detected.
Four of the PIO lines (PIO0 to PIO3) have dedicated vector
addresses in the interrupt table. The remaining eight interrupts
(PIO4 to PIO11) are multiplexed into a single additional inter-
rupt vector location. The PIOFLAG register is used to deter-
mine which line caused the interrupt.
In addition, all PIO lines may be alternatively configured as
PWM trip sources. The PIOPWM register has dedicated bits
that may be used to enable this function on each PIO line. In
this mode, a low level on any pin configured as a PWM trip source
shuts down the PWM in a manner identical to the
PWMTRIP pin.
PIO Configuration
Each of the 12 programmable input/output lines may be config-
ured as either an input or an output by programming the appro-
priate bits of the PIODIR register. This 12-bit read/write register
has one bit associated with each I/O line; Bit 0 corresponds to
PIO0, etc. Clearing a bit in the PIODIR register will configure
the corresponding pin as an input pin. Conversely, setting a bit
configures the pin as an output pin. On reset, bits of the PIODIR
register are cleared so that all 12 PIO pins are configured as
inputs. In addition, all PIO lines are internally pulled down in
the ADMC300 so that unconnected lines are seen as low level
inputs.
Three of the PIO lines also serve alternate functions. PIO9 is
multiplexed as the external convert start signal for the ADC
system. Signals on this pin can be used to trigger updating of
the ADC data registers, if required. Also, PIO10 and PIO11
may be used as inputs to the Event Timer Unit (ETU) to accu-
rately time the period, frequency or duty cycle of external sig-
nals. If these functions are not required, the three pins may be
used as general purpose I/O lines.
PIO Data Reading/Writing
Associated with the PIO system is a data register, PIODATA,
that also has a bit associated with each I/O line. Data written to
the PIODATA register will appear on those pins configured as
outputs. In addition, reading the PIODATA register will read
the data from those pins configured as inputs.
PIO Interrupt Generation
Each of the twelve PIO lines may be configured as an interrupt
source. Four of the PIO lines, PIO0 to PIO3, have dedicated
interrupt vector locations while the remaining eight are multi-
plexed into an additional interrupt vector. The PIOINTEN
enable function is used to enable or disable interrupts on the
PIO4 to PIO11 lines. The PICMASK register of the program-
mable interrupt controller is used to enable interrupts on the
four dedicated PIO lines, PIO0 to PIO3. Interrupts may be
generated on either edge (rising or falling) or level (high or
low) events by programming the appropriate bits of both the
PIOMODE and PIOLEVEL registers. Both registers have a
dedicated bit for each of the twelve PIO lines. Setting the appro-
priate bit of the PIOMODE register configures the interrupt as
level-sensitive, while clearing the bit configures the correspond-
ing PIO to be edge sensitive. In level-sensitive mode
(PIOMODE bit is 1), setting the corresponding bit in the
PIOLEVEL register configures the interrupt as active high,
while clearing the bit in the PIOLEVEL register configures it for
active low. In edge-sensitive mode (PIOMODE bit is 0), setting
the corresponding bit of the PIOLEVEL register configures the
interrupt for rising edge, while clearing the bit configures the
interrupt for falling edge. On reset, all PIO interrupts are dis-
abled. The appropriate register settings for correct PIO inter-
rupt configuration is shown in Table VI.
Table VI. PIO Interrupt Configuration
PIOMODE
PIOLEVEL
0
1
0
Falling Edge
Active Low
1
Rising Edge
Active High
The four dedicated PIO interrupts from PIO0 to PIO3 have
interrupt vector addresses at program memory addresses 0x0048
for PIO0, 0x004C for PIO1, 0x0050 for PIO2 and 0x0054 for
PIO3. In the event of an interrupt on PIO4 to PIO11, the cor-
responding bit of the PIOFLAG register is set and the general
PIO interrupt is activated. This interrupt has a dedicated vector
address at location 0x003C. In the interrupt service routine for
this interrupt, the user must poll the PIOFLAG register to de-
termine which of the PIO4 to PIO11 lines, that have interrupts
enabled, caused the interrupt. Of course, if only one of the PIO4 to
PIO11 lines have interrupts enabled, no polling is necessary.
Reading the PIOFLAG register clears all bits of the register.
PIO lines that are configured as outputs may also be used to
generate interrupts. If, for example, one of the PIO lines is
configured simultaneously as an output and as an interrupt
source, writing the appropriate data to the PIODATA register
will trigger an interrupt.
PIO as PWM Trip Sources
By setting the appropriate bits of the PIOPWM register, each of
the twelve PIO lines can be configured as a PWM trip source.
In this mode, a low level on the PIO pin will cause a PWM trip
that will disable all six PWM outputs on AH to CL. The dis-
abling of the PWM is independent of the DSP clock, so that the
PWM stage can be fully protected even in the event of a loss of
clock signal to the DSP.
A
PWMTRIP interrupt will be generated when the PWM is
reset (whether the PWM is reset via a PIO configured as a trip
source, or via the
PWMTRIP pin). It is also possible to generate
the normal PIO interrupts on the occurrence of a falling-edge
on the PIO line. The advantage of this highly flexible structure
for PWM shutdown is that multiple fault signals could be ap-
plied to the ADMC300 at different PIO lines. The occurrence
of a falling-edge on any of them will instantaneously shut down
the PWM. However, based on the particular PIO interrupt that
is flagged, the user can easily determine the source of the trip.
This permits the action of the interrupt service routines follow-
ing a PWM trip to be tailored to the particular fault that occurred.
On reset, all PIO lines are configured as PWM trip sources.
Because all PIO lines are also configured as inputs and have



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com