Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 4Page - Texas Instruments TPS65281RGVT Datasheet HTML 5Page - Texas Instruments TPS65281RGVT Datasheet HTML 6Page - Texas Instruments TPS65281RGVT Datasheet HTML 7Page - Texas Instruments TPS65281RGVT Datasheet HTML 8Page - Texas Instruments TPS65281RGVT Datasheet HTML 9Page - Texas Instruments TPS65281RGVT Datasheet HTML 10Page - Texas Instruments TPS65281RGVT Datasheet HTML 11Page - Texas Instruments TPS65281RGVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VIN = 12 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range
4.5
18
V
IDDSDN
Shutdown supply current
EN = EN_SW = low
7
20
µA
Switching quiescent current with no load at
EN = high, EN_SW = low, FB = 6 V
IDDQ_NSW
0.8
mA
DCDC output
With Buck not switching
Switching quiescent current with no load at
EN = high, EN_SW = low, FB = 5 V
IDDQ_SW
13
mA
DCDC output, Buck switching
With Buck switching
Rising VIN
4.10
4.30
4.50
UVLO
VIN under voltage lockout
Falling VIN
3.85
4.10
4.35
V
Hysteresis
0.2
V7V load current = 0 A,
V7V
Internal biasing supply
6.17
6.32
6.47
V
VIN = 12 V
OSCILLATOR
fSW_BK
Switching frequency range
Set by external resistor ROSC
300
1400
kHz
ROSC = 51 k
Ω
510
ROSC = 140 k
Ω
1400
fSW
Programmable frequency
kHz
ROSC floating or connected to V7V
600
ROSC connected to ground
270
BUCK CONVERTER
VCOMP = 1.2 V, TJ = 25°C
0.792
0.8
0.808
VFB
Feedback voltage
V
VCOMP = 1.2 V, TJ = -40°C to 125°C
0.784
0.8
0.816
VLINEREG
Line regulation - DC
IOUT = 2 A
0.5
%/V
VLOADREG
Load regulation - DC
IOUT = 0.3 A - 2.7 A
0.5
%/A
Gm_EA
Error amplifier trans-conductance(1)
-2 µA < ICOMP < 2 µA
500
µs
Gm_SRC
COMP voltage to inductor current Gm(1)
ILX = 0.5 A
20
A/V
VENH
EN high level input voltage
2
V
VENL
EN low level input voltage
0.4
V
ISS
Soft-start charging current
4.7
µA
tSS_INT
Internal soft-start time
SS pin open
0.5
1
1.5
ms
ILIMIT
Buck peak inductor current limit
4
A
Rdson_HS
On resistance of high side FET in buck
V7V = 6.3 V, with bond wire resistance
90
m
Ω
Rdson_LS
On resistance of low side FET in buck
VIN = 12 V, with bond wire resistance
70
m
Ω
POWER DISTRIBUTION SWITCH
VSW_IN
Power switch input voltage range
2.5
6
V
VSW_IN rising
2.15
2.25
2.35
V
VUVLO_SW
Input under-voltage lock out
VSW_IN falling
2.08
2.13
2.28
V
Hysteresis
120
mV
VSW_IN = 5 V, ISW_OUT = 0.5 A, including bond
100
wire resistance
RDSON_SW
Power switch NDMOS on-resistance
m
Ω
VSW_IN = 2.5 V, ISW_OUT = 0.5 A, includes bond
100
wire resistance
tD_on
Turn-on delay time from EN_SW turns high
1.4
2
ms
tD_off
Turn-off delay time from EN_SW turns low
1.2
2
ms
VSW_IN = 5 V, CL = 22 µF, RL = 100 Ω
(see Figure 3)
tr
Output rise time
1.3
1.5
ms
tf
Output fall time
5
10
ms
RLIM = 14.3 kΩ
1.65
1.76
1.87
Current limit threshold (maximum DC current
RLIM = 20 kΩ
1.18
1.26
1.34
IOS
delivered to load) and short circuit current,
A
RLIM = 50 kΩ
0.47
0.5
0.53
SW_OUT connect to ground
RLIM shorted to SW_IN or open
1.12
1.2
1.28
tIOS
Response time to short circuit
VSW_IN = 5 V
2
us
(1)
Specified by design.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com