Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 17Page - Texas Instruments TPS65281RGVT Datasheet HTML 18Page - Texas Instruments TPS65281RGVT Datasheet HTML 19Page - Texas Instruments TPS65281RGVT Datasheet HTML 20Page - Texas Instruments TPS65281RGVT Datasheet HTML 21Page - Texas Instruments TPS65281RGVT Datasheet HTML 22Page - Texas Instruments TPS65281RGVT Datasheet HTML 23Page - Texas Instruments TPS65281RGVT Datasheet HTML 24Page - Texas Instruments TPS65281RGVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
8 clock cycles
10ms
Vout
IL
VLX
Current limit threshold
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
Internal V7V Regulator
The TPS65281/TPS65281-1 features an internal P-channel low dropout linear regulator (LDO) that supplies
power at the V7V pin from the VIN supply. V7V powers the gate drivers and much of the TPS65281/
TPS65281-1’s internal circuitry. The LDO regulates V7V to 6.3 V of over drive voltage on the power MOSFET for
the best efficiency performance. The LDO can supply a peak current of 50 mA and must be bypassed to ground
with a minimum 1-µF ceramic capacitor. The capacitor placed directly adjacent to the V7V and PGND pins is
highly recommended to supply the high transient currents required by the MOSFET gate drivers.
Short Circuit Protection
During the PWM on-time, the current through the internal high side switching MOSFET is sampled. The sampled
current is compared to a nominal 5-A over-current limit. If the sampled current exceeds the over-current limit
reference level, an internal over-current fault counter is set to 1 and an internal flag is set. Both internal high side
and low side power MOSFETs are immediately turned off and will not be turned on again until the next switching
cycle. If the over-current condition persists for eight sequential clock cycles, the over-current fault counter
overflows indicating an over-current fault condition exists. The buck regulator is shut down and stays turned off
for 10 ms. If the over-current condition clears prior to the counter reaching eight consecutive cycles, the internal
flag and counter are reset. The protection circuitry attempts to recover from the over-current condition after
10-ms power down time. The internal over-current flag and counter are reset. A normal soft-start cycle is
attempted and normal operation continues if the over-current fault condition has cleared. If the over-current fault
counter overflows during soft-start, the converter shuts down and this hiccup mode operation repeats.
Figure 30. DC/DC Over-Current Protection
Inductor Selection
The higher operating frequency allows the use of smaller inductor and capacitor values. A higher frequency
generally results in lower efficiency because of MOSFET gate charge losses. In addition to this basic trade-off,
the effect of the inductor value on ripple current and low current operation must also be considered. The ripple
current depends on the inductor value. The inductor ripple current, iL, decreases with higher inductance or higher
frequency and increases with higher input voltage, VIN. Accepting larger values of iL allows the use of low
inductances, but results in higher output voltage ripple and greater core losses.
Use Equation 7 to calculate the value of the output inductor. LIR is a coefficient that represents inductor peak-to-
peak ripple to DC load current. It is suggested to use 0.1 ~ 0.3 for most LIR applications.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com