Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 13Page - Texas Instruments TPS65281RGVT Datasheet HTML 14Page - Texas Instruments TPS65281RGVT Datasheet HTML 15Page - Texas Instruments TPS65281RGVT Datasheet HTML 16Page - Texas Instruments TPS65281RGVT Datasheet HTML 17Page - Texas Instruments TPS65281RGVT Datasheet HTML 18Page - Texas Instruments TPS65281RGVT Datasheet HTML 19Page - Texas Instruments TPS65281RGVT Datasheet HTML 20Page - Texas Instruments TPS65281RGVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
Constant-Current vs. Latch-Off Operation and Impact on Output Voltage
Both the constant-current device (TPS65281-1) and latch-off device (TPS65281) operate identically during
normal operation, i.e. the load current is less than the current-limit threshold and the devices are not limiting
current. During normal operation the N-channel MOSFET is fully enhanced, and VSW_OUT = VSWIN - (ISW_OUT x
rDS(on)). The voltage drop across the MOSFET is relatively small compared to VSW_IN, and VSW_OUT ≈ VSW_IN.
Both the constant-current device (TPS65281-1) and latch-off device (TPS65281) operate identically during the
initial onset of an over-current event. Both devices limit current to the programmed current-limit threshold set by
RLIM by operating the N-channel MOSFET in the linear mode. During current-limit operation, the N-channel
MOSFET is no longer fully-enhanced and the resistance of the device increases. This allows the device to
effectively regulate the current to the current-limit threshold. The effect of increasing the resistance of the
MOSFET is that the voltage drop across the device is no longer negligible (VSW_IN ≠ VSW_OUT), and VSW_OUT
decreases. The amount that VSW_OUT decreases is proportional to the magnitude of the overload condition. The
expected VSW_OUT can be calculated by IOCP_SW × RLOAD, where IOCP_SW is the current-limit threshold and RLOAD
is the magnitude of the overload condition.
For example, if IOCP_SW is programmed to 1 A and a 1-Ω overload condition is applied, the resulting VOUT is 1 V.
While both the constant-current device (TPS65281-1) and latch-off device (TPS65281) operate identically during
the initial onset of an overcurrent event, they behave differently if the overcurrent event lasts longer than the
internal delay deglitch circuit (10 ms typical). The constant-current device (TPS65281-1) asserts the FAULT flag
after the deglitch period and continues to regulate the current to the current-limit threshold indefinitely. In
practical circuits, the power dissipation in the package will increase the die temperature above the
overtemperature shutdown threshold (145°C typical), and the device will turn off until the die temperature
decreases by the hysteresis of the thermal shutdown circuit (10°C typical). The device will turn on and continue
to thermal cycle until the overload condition is removed. The constant-current devices resume normal operation
once the overload condition is removed. The latch-off device (TPS65281) asserts the FAULT flag after the
deglitch period and immediately turns off the device. The device remains off regardless of whether the overload
condition is removed from the output. The latch-off device remains off and do not resume normal operation until
the surrounding system either toggles the enable or cycles power to the device.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com