Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 23Page - Texas Instruments TPS65281RGVT Datasheet HTML 24Page - Texas Instruments TPS65281RGVT Datasheet HTML 25Page - Texas Instruments TPS65281RGVT Datasheet HTML 26Page - Texas Instruments TPS65281RGVT Datasheet HTML 27Page - Texas Instruments TPS65281RGVT Datasheet HTML 28Page - Texas Instruments TPS65281RGVT Datasheet HTML 29Page - Texas Instruments TPS65281RGVT Datasheet HTML 30Page - Texas Instruments TPS65281RGVT Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
PGND
VIN
V7V
EN
EN_SW
nFAULT
AGND
SW_OUT
Top Side
Power
Ground
Area
VOUT
EN_SW
nFAULT
output capacitor
output inductor
boot capacitor
Input bypass capacitor
LDO capacitor
power switch
output capacitor
Thermal VIA
Signal VIA
VOUT_BUCK
VIN
PGND
AGND
Top Side Analog
Ground Area
Bottom Side
Power
Ground Area
Thermal VIA
Signal VIA
Bottom Side
Analog
Ground Area
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
PCB Layout Recommendation
When laying out the printed circuit board, the following guidelines should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the layout diagram of Figure 36.
•
There are several signal paths that conduct fast changing currents or voltages that can interact with stray
inductance or parasitic capacitance to generate noise or degrade the power supplies performance. To help
eliminate these problems, the VIN pin should be bypassed to ground with a low ESR ceramic bypass
capacitor with X5R or X7R dielectric. This capacitor provides the AC current into the internal power
MOSFETs. Connect the (+) terminal of the input capacitor as close as possible to the VIN pin, and connect
the (-) terminal of the input capacitor as close as possible to the PGND pin. Care should be taken to minimize
the loop area formed by the bypass capacitor connections, the VIN pins, and the power ground PGND
connections.
•
Since the LX connection is the switching node, the output inductor should be located close to the LX pin, and
the area of the PCB conductor minimized to prevent excessive capacitive coupling. Keep the switching node,
LX, away from all sensitive small-signal nodes.
•
Connect V7V decoupling capacitor (connected close to the IC), between the V7V and the power ground
PGND pin. This capacitor carries the MOSFET drivers’ current peaks.
•
Place the output filter capacitor of the buck converter close to SW_IN pins and AGND pin. Try to minimize the
ground conductor length while maintaining adequate width.
•
The AGND pin should be separately routed to the (-) terminal of V7V bypass capacitor to avoid switching
grounding path. A ground plane is recommended connecting to this ground path.
•
The compensation should be as close as possible to the COMP pins. The COMP and ROSC pins are
sensitive to noise so the components associated to these pins should be located as close as possible to the
IC and routed with minimal lengths of trace.
•
Flood all unused areas on all layers with copper. Flooding with copper will reduce the temperature rise of the
power components. You can connect the copper areas to PGND, AGND, VIN or any other DC rail in your
system.
•
There is no electric signal internal connected to thermal pad in the device. Nevertheless connect the exposed
pad beneath the IC to ground. Always solder the thermal pad to the board, and have as many vias as
possible on the PCB to enhance power dissipation.
Figure 36. 2-Layers PCB Layout Recommendation Diagram
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com