Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 16Page - Texas Instruments TPS65281RGVT Datasheet HTML 17Page - Texas Instruments TPS65281RGVT Datasheet HTML 18Page - Texas Instruments TPS65281RGVT Datasheet HTML 19Page - Texas Instruments TPS65281RGVT Datasheet HTML 20Page - Texas Instruments TPS65281RGVT Datasheet HTML 21Page - Texas Instruments TPS65281RGVT Datasheet HTML 22Page - Texas Instruments TPS65281RGVT Datasheet HTML 23Page - Texas Instruments TPS65281RGVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
0.8 V
Tss
Css
4.7 uA
×
æ
ö
=
× ç
÷
×
è
ø
FB
R1
40.2kΩ
R2
7.7kΩ
C1
4.7 nF
10
COMP
2
-
+
EA
0.8V
Reference
Vout=5V
2
1
OUT
0.8V
R
R (
)
V
0.8V
=
×
-
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
BUCK DC/DC CONVERTER DETAILED DESCRIPTION
Output Voltage
The TPS65281/TPS65281-1 regulates output voltage set by a feedback resistor divider to 0.8-V reference
voltage. This pin should be directly connected to middle of resistor divider. It is recommended to use 1%
tolerance or better divider resistors.Great care should be taken to route the FB line away from noise sources,
such as the inductor or the LX switching node line. Start with 40.2 k
Ω for the R1 resistor and use Equation 4 to
calculate R2.
(4)
Figure 29. Buck Feedback Resistor Divider
Switching Frequency Selection
The selection of switching frequency is a tradeoff between efficiency and component size. Low frequency
operation increases efficiency by reducing MOSFET switching losses, but requires larger inductance and
capacitance to maintain low output ripple voltage. The switching frequency of the TPS65281/TPS65281-1 buck
controller can be selected with the connection at ROSC pin. The ROSC pin can be connected to AGND, tied to
V7V, open or programmed through an external resistor. Tying ROSC pin to AGND selects 300 kHz, while tying
ROSC ping to V7V or floating ROSC pin selects 600 kHz. Placing a resistor between ROSC and AGND allows
the buck switching frequency to be programmed between 300 kHz to 1.4 MHz, as shown in Figure 14. The
programmed clock frequency by an external resistor can be calculated with the following equation:
fSW = 10 x ROSC
(5)
Soft-Start Time
The start-up of buck output is controlled by the voltage on the SS pin. When the voltage on the SS pin is less
than the internal 0.8-V reference, the TPS65281/TPS65281-1 regulates the internal feedback voltage to the
voltage on the SS pin instead of 0.8 V. The SS pin can be used to program an external soft-start function or to
allow output of the buck to track another supply during start-up. The device has an internal pull-up current source
of 4.7 µA that charges an external soft-start capacitor to provide a linear ramping voltage at SS pin. The
TPS65281 will regulate the internal feedback voltage according to the voltage on the SS pin, allowing VOUT to
rise smoothly from 0 V to its final regulated value. The total soft-start time will be approximately:
(6)
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com