Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 10Page - Texas Instruments TPS65281RGVT Datasheet HTML 11Page - Texas Instruments TPS65281RGVT Datasheet HTML 12Page - Texas Instruments TPS65281RGVT Datasheet HTML 13Page - Texas Instruments TPS65281RGVT Datasheet HTML 14Page - Texas Instruments TPS65281RGVT Datasheet HTML 15Page - Texas Instruments TPS65281RGVT Datasheet HTML 16Page - Texas Instruments TPS65281RGVT Datasheet HTML 17Page - Texas Instruments TPS65281RGVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
OVERVIEW
TPS65281/TPS65281-1 PMIC integrates a current-limited, power distribution switch using N-channel MOSFETs
for applications where short circuits or heavy capacitive loads will be encountered and provide a precision current
limit protection. Additional device features include over termperature protection and reverse-voltage protection.
The device incorporates an internal charge pump and gate drive circuitry necessary to drive the N-channel
MOSFET. The charge pump supplies power to the driver circuit and provide the necessary voltage to pull the
gate of the MOSFET above the source. The charge pump operates from input voltage of power switch as low as
2.5 V and requires little supply current. The driver incorporates circuitry that controls the rise and fall times of
output voltage to limit large current and voltage surges and provides built-in soft-start functionality. TPS65281-1
device limits output current to a safe level by using a constant current mode when the output load exceeds the
current limit threshold. TPS65281 device lacthes off when the load exceeds the current limit threshold. The
device asserts the nFAULT signal during over current or reverse voltage faulty condition.
TPS65281/TPS65281-1 PMIC also integrates a synchronous step-down converter with a fixed 5-V output voltage
to provide the power for power switches in the USB ports. The synchronous buck converter incorporates a
90-m
Ω high side power MOSFET and 70-mΩ low side power MOSFET to achieve high efficiency power
conversion. The converter supports an input voltage range from 4.5 V to 18 V. The converter operates in
continuous conduction mode with peak current mode control for simplified loop compensation. The switching
clock frequency can be programmed from 300 kHz to 1.4 MHz from the ROSC pin connection. The peak inductor
current limit threshold is internally set at 4 A typical. The device builds in an internal 1-ms soft-start time to
reduce inrush current during power-up.
POWER SWITCH DETAILED DESCRIPTION
Over Current Condition
The TPS65281/TPS65281-1 responds to over-current conditions on power switches by limiting the output
currents to the IOCP_SW level, which is fixed internally. The load current is less than the current-limit threshold and
the device does not limit current. During normal operation the N-channel MOSFET is fully enhanced, and
VSW_OUT = VSW_IN - (ISW_OUT x Rdson_SW). The voltage drop across the MOSFET is relatively small compared to
VSW_IN, and VSW_OUT ≈ VSW_IN. When an over current condition is detected, the device maintains a constant
output current and reduces the output voltage accordingly. During current-limit operation, the N-channel
MOSFET is no longer fully enhanced and the resistance of the device increases. This allows the device to
effectively regulate the current to the current-limit threshold. The effect of increasing the resistance of the
MOSFET is that the voltage drop across the device is no longer negligible (VSW_IN ≠ VSW_OUT), and VSW_OUT
decreases. The amount that VSW_OUT decreases is proportional to the magnitude of the overload condition. The
expected VSW_OUT can be calculated by IOS × RLOAD, where IOS is the current-limit threshold and RLOAD is the
magnitude of the overload condition.
Three possible overload conditions can occur as summarized in Table 1.
Table 1. Possible Overload Conditions
CONDITIONS
BEHAVIORS
The output voltage is held near zero potential with respect to ground and the TPS65281 ramps output
current to IOCP_SW. The TPS65281-1 will limit the current to IOS until the overload condition is removed or
Short circuit or partial short circuit present when
the device begins to thermal cycle. The TPS65281 limits the current to IOS until the overload condition is
the device is powered up or enabled
removed or the internal deglitch time (10 ms typical) is reached and the device is turned off. The device
will remain off until power is cycled or the device enable is toggled.
The current rises until current limit. Once the threshold has been reached, the device switches into its
current limiting at IOS. The TPS65281-1 will limit the current to IOS until the overload condition is removed
Gradually increasing load (<100 A/s) from normal
or the device begins to thermal cycle. The TPS65281 limits the current to IOS until the overload condition
operating current to IOS
is removed or the internal deglitch time (10 ms typical) is reached and the device is turned off. The device
will remain off until power is cycled or the device enable is toggled.
The device responds to the over-current condition within time tIOS (see Figure 5).The current sensing
amplifier is overdriven during this time, and needs time for loop response. Once tIOS has passed, the
Short circuit, partial short circuit or fast transient
current sensing amplifier recovers and limits the current to IOS. The TPS65281-1 will limit the current to IOS
overload occurs while the device is enabled and
until the overload condition is removed or the device begins to thermal cycle. The TPS65281 limits the
powered on
current to IOS until the overload condition is removed or the internal deglitch time (10 ms typical) is
reached and the device is turned off. The device will remain off until power is cycled or the device enable
is toggled.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com