Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 18Page - Texas Instruments TPS65281RGVT Datasheet HTML 19Page - Texas Instruments TPS65281RGVT Datasheet HTML 20Page - Texas Instruments TPS65281RGVT Datasheet HTML 21Page - Texas Instruments TPS65281RGVT Datasheet HTML 22Page - Texas Instruments TPS65281RGVT Datasheet HTML 23Page - Texas Instruments TPS65281RGVT Datasheet HTML 24Page - Texas Instruments TPS65281RGVT Datasheet HTML 25Page - Texas Instruments TPS65281RGVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
(
)
inmin
out
out
inrms
out
inmin
inmin
V
V
V
I
I
V
V
-
=
×
×
out
L
1
1
Co
V
8 fsw
esr
i
>
×
D
×
-
D
2
OUT
out
out
I
L
Co
V
V
D
×
>
× D
L
Lpeak
O
i
I
I
2
D
=
+
2
out
inmax
out
2
inmax
Lrms
O
V
(V
V
)
(
)
V
L fsw
i
I
12
×
-
× ×
=
+
in
out
out
L
in
V
V
V
i
L
V
fsw
-
D =
×
×
in
out
out
O
in
V
V
V
L
I
LIR
V
fsw
-
=
×
×
×
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
Actual core loss of the inductor is independent of core size for a fixed inductor value, but it is dependent on the
inductance value selected. As inductance increases, core losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses will increase. Ferrite designs have very low core loss
and are preferred for high switching frequencies, so design goals can concentrate on copper loss and preventing
saturation. Ferrite core material saturates hard, which means that inductance collapses abruptly when the peak
design current is exceeded. It results in an abrupt increase in inductor ripple current and consequent output
voltage ripple. Do not allow the core to saturate. It is important that the RMS current and saturation current
ratings are not exceeding the inductor specification. The RMS and peak inductor current can be calculated from
Equation 9 and Equation 10.
(7)
(8)
(9)
(10)
For this design example, use LIR = 0.3, and the inductor is calculated to be 5.40 µH with VIN = 12 V, VOUT = 5 V
and fSW = 600 kHz. Choose a 4.7 µH standard inductor, the peak to peak inductor ripple is about 34% of 3-A DC
load current.
Output Capacitor Selection
There are two primary considerations for selecting the value of the output capacitor. The output capacitors are
selected to meet load transient and output ripple’s requirements.
Equation 11 gives the minimum output capacitance to meet the transient specification. For this example,
LO = 4.7 µH, ΔIOUT = 3 A – 0.0 A = 3 A and ΔVOUT = 500 mV (10% of regulated 5 V). Using these numbers gives
a minimum capacitance of 17 µF. A standard 22 µF ceramic capacitor is used in the design.
(11)
The selection of COUT is driven by the effective series resistance (ESR). Equation 12 calculates the minimum
output capacitance needed to meet the output voltage ripple specification. Where fSW is the switching frequency,
ΔVOUT is the maximum allowable output voltage ripple, and ΔiL is the inductor ripple current. In this case, the
maximum output voltage ripple is 50 mV (1% of regulated 5 V). From Equation 8, the output current ripple is 1 A.
From Equation 12, the minimum output capacitance meeting the output voltage ripple requirement is 4.6 µF with
3-m
Ω esr resistance.
(12)
After considering both requirements, for this example, one 22 µF 6.3 V X7R ceramic capacitor with 3 m
Ω of ESR
will be used.
Input Capacitor Selection
A minimum 10 µF X7R/X5R ceramic input capacitor is recommended to be added between VIN and GND. These
capacitors should be connected as close as physically possible to the input pins of the converters, as they
handle the RMS ripple current shown in Equation 13. For this example, IOUT = 2 A, VOUT = 5 V, minimum Vin_min =
9.6 V. Tthe input capacitors must support a ripple current of 1 A RMS.
(13)
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com