Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 6Page - Texas Instruments TPS65281RGVT Datasheet HTML 7Page - Texas Instruments TPS65281RGVT Datasheet HTML 8Page - Texas Instruments TPS65281RGVT Datasheet HTML 9Page - Texas Instruments TPS65281RGVT Datasheet HTML 10Page - Texas Instruments TPS65281RGVT Datasheet HTML 11Page - Texas Instruments TPS65281RGVT Datasheet HTML 12Page - Texas Instruments TPS65281RGVT Datasheet HTML 13Page - Texas Instruments TPS65281RGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Vout _Buck
LX
Vout _Buck
Iout _Buck
Vout _Buck
EN
nFAULT
SW_OUT
Vout _Buck
EN
nFAULT
SW_OUT
Vout _Buck
EN
nFAULT
SW_OUT
Vout _Buck
EN
nFAULT
SW_OUT
TPS65281, TPS65281-1
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
TJ = 25°C, VIN = 12 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
Figure 6. Power Up by EN Pin
Figure 7. Power Down by EN Pin
Figure 8. Power Up by VIN
Figure 9. Power Down by VIN
(EN pin connects to VIN with a 10-k
Ω resistor)
Figure 10. VOUT Ripple and LX
Figure 11. Load Transient
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com