Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 19Page - Texas Instruments TPS65281RGVT Datasheet HTML 20Page - Texas Instruments TPS65281RGVT Datasheet HTML 21Page - Texas Instruments TPS65281RGVT Datasheet HTML 22Page - Texas Instruments TPS65281RGVT Datasheet HTML 23Page - Texas Instruments TPS65281RGVT Datasheet HTML 24Page - Texas Instruments TPS65281RGVT Datasheet HTML 25Page - Texas Instruments TPS65281RGVT Datasheet HTML 26Page - Texas Instruments TPS65281RGVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
b
C
Re sr Co
C
R
×
=
L
C
C
R
Co
C
R
×
=
O
L
1
fp
C
R
2
=
×
× p
C
M
ps
2
fc Vo Co
R
g
Vref gm
p ×
×
×
=
×
×
out max
in
in
sw
I
0.25
V
C
f
×
D
=
×
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
The input capacitance value determines the input ripple voltage of the regulator. The input voltage ripple can be
calculated using Equation 14. Using the design example values, Iout_max = 2 A, CIN = 10 µF, fSW = 600 kHz, yields
an input voltage ripple of 83 mV.
(14)
To prevent large voltage transients, a low ESR capacitor sized for the maximum RMS current must be used.
Bootstrap Capacitor Selection
The external bootstrap capacitor connected to the BST pins supply the gate drive voltages for the topside
MOSFETs. The capacitor between BST pin and LX pin is charged through an internal diode from V7V when the
LX pin is low. When high side MOSFETs are to be turned on, the driver places the bootstrap voltage across the
gate-source of the desired MOSFET. This enhances the top MOSFET switch and turns it on. The switch node
voltage, LX, rises to VIN and the BST pin follows. With the internal high side MOSFET on, the bootstrap voltage
is above the input supply: VBST = VIN + V7V. The selection on bootstrap capacitance is related with internal high
side power MOSFET gate capacitance. A 0.047-
μF ceramic capacitor is recommended to be connected between
the BST to LX pin for proper operation. It is recommended to use a ceramic capacitor with X5R or better grade
dielectric. The capacitor should have 10-V or higher voltage rating.
Loop Compensation
The integrated buck DC/DC converter in TPS65281 incorporates a peak current mode. The error amplifier is a
trans-conductance amplifier with a gain of 500 µA/V. A typical type II compensation circuit adequately delivers a
phase margin between 60° and 90°. Cb adds a high frequency pole to attenuate high frequency noise when
needed. To calculate the external compensation components, follow these steps:
1. Select switching frequency, fSW, that is appropriate for application depending on L and C sizes, output ripple
and EMI. Switching frequency between 500 kHz and 1 MHz gives the best trade off between performance
and cost. To optimize efficiency, a lower switching frequency is desired.
2. Set up cross over frequency, fc, which is typically between 1/5 and 1/20 of fSW.
3. RC can be determined by:
(15)
where gm is the error amplifier gain (500 µA/V) and gmps is the power stage voltage to current conversion
gain (20 A/V).
4. Calculate CC by placing a compensation zero at or before the dominant pole,
.
(16)
5. Optional Cb can be used to cancel the zero from the ESR associated with CO.
(17)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com