Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65281RGVT Datasheet HTML 1Page - Texas Instruments TPS65281RGVT Datasheet HTML 2Page - Texas Instruments TPS65281RGVT Datasheet HTML 3Page - Texas Instruments TPS65281RGVT Datasheet HTML 4Page - Texas Instruments TPS65281RGVT Datasheet HTML 5Page - Texas Instruments TPS65281RGVT Datasheet HTML 6Page - Texas Instruments TPS65281RGVT Datasheet HTML 7Page - Texas Instruments TPS65281RGVT Datasheet HTML 8Page - Texas Instruments TPS65281RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS65281
SW_OUT
AGND
nFAULT
EN_SW
PGND
VIN
V7V
EN
VIN
5V
+3.3V
USB Data
Enable
USB fault signal
C2
1uF
C7
47nF
C1
10uF
C4
10uF
R5
100kΩ
C3
4.7nF
C5
22uF
R1
10kΩ
13
14
15
16
8
7
6
5
USB control signal
L1
4.7uH
R2
20kΩ
USB
Port
R3
40.2kΩ
R4
12.7kΩ
C6
4.7nF
TPS65281
SW_OUT
AGND
nFAULT
EN_SW
PGND
VIN
V7V
EN
VIN
6V~18V
+5V
USB Data
Enable
USB fault signal
C2
1uF
C7
47nF
C1
10uF
C4
10uF
R5
100kΩ
C3
4.7nF
C5
22uF
R1
10kΩ
13
14
15
16
8
7
6
5
USB control signal
L1
4.7uH
R2
20kΩ
USB
Port
R3
40.2kΩ
R4
7.68kΩ
C6
4.7nF
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
Figure 1. 12-V Power Bus
Figure 2. 5-V Power Bus
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com