Electronic Components Datasheet Search
  English  ▼

X  

TPS65281RGVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65281RGVT
Description  PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65281RGVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65281RGVT Datasheet HTML 7Page - Texas Instruments TPS65281RGVT Datasheet HTML 8Page - Texas Instruments TPS65281RGVT Datasheet HTML 9Page - Texas Instruments TPS65281RGVT Datasheet HTML 10Page - Texas Instruments TPS65281RGVT Datasheet HTML 11Page - Texas Instruments TPS65281RGVT Datasheet HTML 12Page - Texas Instruments TPS65281RGVT Datasheet HTML 13Page - Texas Instruments TPS65281RGVT Datasheet HTML 14Page - Texas Instruments TPS65281RGVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LX
SS
IL
Vout _Buck
IL
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.00
50.00
100.00
150.00
200.00
250.00
Rosc (k )
W
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
5
7
9
11
13
15
17
19
Input Voltage (V)
TPS65281, TPS65281-1
www.ti.com
SLVSBH7B – JULY 2012 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VIN = 12 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
Figure 12. Buck Load Regulation
Figure 13. Buck Line Regulation
Figure 14. Oscillator Frequency vs Rosc Voltage
Figure 15. Buck Efficiency
Figure 16. Buck Hiccup Response to Hard-Short Circuit
Figure 17. Zoom In Buck Output Hard Short Response
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65281 TPS65281-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com