Electronic Components Datasheet Search
  English  ▼

X  

SPRUG18 Datasheet(PDF) 172 Page - Texas Instruments

Part # SPRUG18
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG18 Datasheet(HTML) 172 Page - Texas Instruments

Back Button SPRUG18 Datasheet HTML 168Page - Texas Instruments SPRUG18 Datasheet HTML 169Page - Texas Instruments SPRUG18 Datasheet HTML 170Page - Texas Instruments SPRUG18 Datasheet HTML 171Page - Texas Instruments SPRUG18 Datasheet HTML 172Page - Texas Instruments SPRUG18 Datasheet HTML 173Page - Texas Instruments SPRUG18 Datasheet HTML 174Page - Texas Instruments SPRUG18 Datasheet HTML 175Page - Texas Instruments SPRUG18 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.18 Serial RapidIO (SRIO) Port
The SRIO Port on the C6474 device is a high-performance, low pin-count interconnect aimed for
embedded markets. RapidIO is based on the memory and device addressing concepts of processor buses
where the transaction processing is managed completely by hardware. This enables the RapidIO
interconnect to lower the system cost by providing lower latency, reduced overhead of packet data
processing, and higher system bandwidth, all of which are key for wireless interfaces. The RapidIO
interconnect offers very low pin-count interfaces with scalable system bandwidth based on 10-Gigabit per
second (Gbps) bidirectional links.
The PHY part of the RIO consists of the physical layer and includes the input and output buffers (each
serial link consists of a differential pair), the 8-bit/10-bit encoder/decoder, the PLL clock recovery, and the
parallel-to-serial/serial-to-parallel converters.
The RapidIO interface should be designed to operate at a data rate up to 3.125 Gbps per differential pair.
7.18.1 SRIO Device-Specific Information
The approach to specifying interface timing for the SRIO Port is different than on other interfaces such as
McBSP. For these other interfaces the device timing was specified in terms of data manual specifications
and I/O buffer information specification (IBIS) models.
For the SRIO Port, Texas Instruments (TI) provides a printed circuit board (PCB) solution showing two
DSPs connected via a 1x SRIO link directly to the user. TI has performed the simulation and system
characterization to ensure all SRIO interface timings in this solution are met. The complete SRIO system
solution is documented in the TMS320C6474 DSP SERDES Implementation Guidelines application report
(literature number SPRAAW9).
TI only supports designs that follow the board design guidelines outlined in the SPRAAW9
application report.
The Serial RapidIO peripheral is a master peripheral in the C6474 DSP. It conforms to the RapidIO
™
Interconnect Specification, Part VI: Physical Layer 1x/4x LP-Serial Specification, Revision 1.2.
7.18.2 SRIO Register Description(s)
Table 7-79. RapidIO Control Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02D0 0000
RIOPID
RapidIO Peripheral Identification Register
02D0 0004
RIO_PCR
RapidIO Peripheral Control Register
02D0 0008 - 02D0 001C
-
Reserved
02D0 0020
RIO_PER_SET_CNTL
RapidIO Peripheral Settings Control Register
02D0 0024 - 02D0 002C
-
Reserved
02D0 0030
RIO_GBL_EN
RapidIO Peripheral Global Enable Register
02D0 0034
RIO_GBL_EN_STAT
RapidIO Peripheral Global Enable Status Register
02D0 0038
RIO_BLK0_EN
RapidIO Block0 Enable Register
02D0 003C
RIO_BLK0_EN_STAT
RapidIO Block0 Enable Status Register
02D0 0040
RIO_BLK1_EN
RapidIO Block1 Enable Register
02D0 0044
RIO_BLK1_EN_STAT
RapidIO Block1 Enable Status Register
02D0 0048
RIO_BLK2_EN
RapidIO Block2 Enable Register
02D0 004C
RIO_BLK2_EN_STAT
RapidIO Block2 Enable Status Register
02D0 0050
RIO_BLK3_EN
RapidIO Block3 Enable Register
02D0 0054
RIO_BLK3_EN_STAT
RapidIO Block3 Enable Status Register
02D0 0058
RIO_BLK4_EN
RapidIO Block4 Enable Register
02D0 005C
RIO_BLK4_EN_STAT
RapidIO Block4 Enable Status Register
02D0 0060
RIO_BLK5_EN
RapidIO Block5 Enable Register
172
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com