Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 5Page - Texas Instruments DAC3174 Datasheet HTML 6Page - Texas Instruments DAC3174 Datasheet HTML 7Page - Texas Instruments DAC3174 Datasheet HTML 8Page - Texas Instruments DAC3174 Datasheet HTML 9Page - Texas Instruments DAC3174 Datasheet HTML 10Page - Texas Instruments DAC3174 Datasheet HTML 11Page - Texas Instruments DAC3174 Datasheet HTML 12Page - Texas Instruments DAC3174 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
Resolution
14
Bits
DC ACCURACY
DNL Differential nonlinearity
±1
1 LSB = IOUTFS/2
14
LSB
INL Integral nonlinearity
±2
ANALOG OUTPUTS
Coarse gain linearity
±0.4
LSB
Offset error
Mid code offset
0.01
%FSR
With external reference
±2
Gain error
%FSR
With internal reference
±2
Gain mismatch
With internal reference
-2
2
%FSR
Minimum full scale output current
2
Nominal full-scale current, IOUTFS =
mA
16xIBAIS current
Maximum full scale output current
20
Output compliance range
IOUTFS = 20 mA
-0.5
1
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.14
1.2
1.26
V
Reference output current
100
nA
REFERENCE INPUT
VEXTIO Input voltage range
External reference mode
0.1
1.2
1.25
V
Input resistance
1
M
Ω
Small signal bandwidth
500
kHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/°C
Gain drift
With external reference
±15
With internal reference
±30
Reference voltage drift
±8
ppm /°C
POWER SUPPLY
DIGVDD18, VFUSE, VDDA18, CLKVDD18
1.71
1.8
1.89
V
VDDA33
3.15
3.3
3.45
V
Sets CMOS IO voltage levels. Nominal
IOVDD
1.71
3.45
V
1.8V, 2.5V or 3.3V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com