Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 18Page - Texas Instruments DAC3174 Datasheet HTML 19Page - Texas Instruments DAC3174 Datasheet HTML 20Page - Texas Instruments DAC3174 Datasheet HTML 21Page - Texas Instruments DAC3174 Datasheet HTML 22Page - Texas Instruments DAC3174 Datasheet HTML 23Page - Texas Instruments DAC3174 Datasheet HTML 24Page - Texas Instruments DAC3174 Datasheet HTML 25Page - Texas Instruments DAC3174 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
tS (SDENB)
tS(SDIO) tH(SDIO)
t
SCLK
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
SERIAL INTERFACE DESCRIPTION
The serial port of the DAC3174 is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of DAC3174. It is compatible with most synchronous transfer formats and can be configured as
a 3 or 4 pin interface by sif4_ena in register config 0, bit 9. In both configurations, SCLK is the serial interface
input clock and SDENB is serial interface enable. For 3 pin configuration, SDIO is a bidirectional pin for both data
in and data out. For 4 pin configuration, SDIO is data in only and SDO is data out only. Data is input into the
device with the rising edge of SCLK. Data is output from the device on the falling edge of SCLK.
Each read/write operation is framed by signal SDENB (Serial Data Enable Bar) asserted low. The first frame byte
is the instruction cycle which identifies the following data transfer cycle as read or write as well as the 7-bit
address to be accessed. Table 5 indicates the function of each bit in the instruction cycle and is followed by a
detailed description of each bit. The data transfer cycle consists of two bytes.
Table 5. Instruction byte of the Serial interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
Description
R/W
A6
A5
A4
A3
A2
A1
A0
R/W
Identifies the following data transfer cycle as a read or write operation. A high indicates a read
operation from DAC3174 and a low indicates a write operation to DAC3174.
[A6 : A0]
Identifies the address of the register to be accessed during the read or write operation.
Figure 27 shows the serial interface timing diagram for a DAC3174 write operation. SCLK is the serial interface
clock input to DAC3174. Serial data enable SDENB is an active low input to DAC3174. SDIO is serial data in.
Input data to DAC3174 is clocked on the rising edges of SCLK.
Figure 27. Serial Interface Write Timing Diagram
Figure 28 shows the serial interface timing diagram for a DAC3174 read operation. SCLK is the serial interface
clock input to DAC3174. Serial data enable SDENB is an active low input to DAC3174. SDIO is serial data in
during the instruction cycle. In 3 pin configuration, SDIO is data out from the DAC3174 during the data transfer
cycle, while SDO is in a high-impedance state. In 4 pin configuration, both SDIO and SDO are data out from the
DAC3174 during the data transfer cycle. At the end of the data transfer, SDIO and SDO will output low on the
final falling edge of SCLK until the rising edge of SDENB when they will 3-state.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com