Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 3 Page - Texas Instruments

  DAC3174 Datasheet HTML 1Page - Texas Instruments DAC3174 Datasheet HTML 2Page - Texas Instruments DAC3174 Datasheet HTML 3Page - Texas Instruments DAC3174 Datasheet HTML 4Page - Texas Instruments DAC3174 Datasheet HTML 5Page - Texas Instruments DAC3174 Datasheet HTML 6Page - Texas Instruments DAC3174 Datasheet HTML 7Page - Texas Instruments DAC3174 Datasheet HTML 8Page - Texas Instruments DAC3174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
7
14-b
DACA
14-b
DACB
Control Interface
Clock Distribution
DACCLKP
DACCLKN
DA_CLKP
DA_CLKN
DA6P
DA6N
DA0P
DA0N
QMC
A-offset
QMC
B-offset
LVPECL
LVDS
LVDS
LVDS
7
DACB
Gain
Programmable
Delay
1.2 V
Reference
DB6P
DB0P
LVDS
DACA
Gain
DB_CLKP
DB_CLKN
LVDS
Programmable
Delay
DB6N
DB0N
EXTIO
BIASJ
IOUTAP
IOUTAN
IOUTBP
IOUTBN
VDDA33
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Figure 2. 7-Bit Interface Mode
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com