Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 12Page - Texas Instruments DAC3174 Datasheet HTML 13Page - Texas Instruments DAC3174 Datasheet HTML 14Page - Texas Instruments DAC3174 Datasheet HTML 15Page - Texas Instruments DAC3174 Datasheet HTML 16Page - Texas Instruments DAC3174 Datasheet HTML 17Page - Texas Instruments DAC3174 Datasheet HTML 18Page - Texas Instruments DAC3174 Datasheet HTML 19Page - Texas Instruments DAC3174 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
0dBFs,
f
= 491.52MSPS,
f
= 70MHz
DAC
OUT
0dBFs,
f
= 491.52MSPS,
f
= 70MHz
DAC
OUT
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
15
17
19
21
23
25
Frequency (MHz)
fDAC = 500 MSPS
fout = 20 MHz
Tone spacing = 1 MHz
G013
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
65
67
69
71
73
75
Frequency (MHz)
fDAC = 500 MSPS
fout = 70 MHz
Tone spacing = 1 MHz
G014
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
G011
fOUT
= 491.52 MSPS
= 20 MHz
fDAC
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
10
50
90
130
170
210
250
Frequency (MHz)
G012
fOUT
= 491.52 MSPS
= 20 MHz
fDAC
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 15. Single-Tone Spectral Plot (IF = 20MHz)
Figure 16. Single-Tone Spectral Plot (IF = 70MHz)
Figure 17. Two-tone Spectral Plot (IF = 20MHz)
Figure 18. Two-tone Spectral Plot (IF = 70MHz)
Figure 19. Four-carrier WCDMA Test Mode 1
Figure 20. Single-carrier WCDMA Test Mode 1
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com