Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 26Page - Texas Instruments DAC3174 Datasheet HTML 27Page - Texas Instruments DAC3174 Datasheet HTML 28Page - Texas Instruments DAC3174 Datasheet HTML 29Page - Texas Instruments DAC3174 Datasheet HTML 30Page - Texas Instruments DAC3174 Datasheet HTML 31Page - Texas Instruments DAC3174 Datasheet HTML 32Page - Texas Instruments DAC3174 Datasheet HTML 33Page - Texas Instruments DAC3174 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
(
)
VrefIO
mem_coarse_daca + 1
Rbias
´
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
Register name: config9 – Address: 0x09, Default: 0x8000
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config9
0x09
15:13
fifo_ offset
This is the starting point for the READ_POINTER in the FIFO block.
100
The READ_POINTER is set to this location when a sync occurs on the
AUTO
DACCLK side of the FIFO.
SYNC
12:0
qmc_ offsetb
The DAC B offset correction. The offset is measured in DAC LSBs.
0x0000
NOTE: Writing this register causes an autosync to be generated in
the QMOFFSET block.
Register name: config10 – Address: 0x0A, Default: 0xF080
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config10
0x0A
15:12
coarse_ dac
Scales the output current is 16 equal steps.
1111
11
fuse_ sleep
Put the fuses to sleep when set high.
0
10
reserved
reserved
0
9
reserved
reserved
0
8
tsense_ sleep
When asserted the temperature sensor is put to sleep.
0
7
clkrecv_ ena
Turn on the DAC CLOCK receiver block when asserted.
1
6
sleepa
When asserted DACA is put to sleep.
0
5
sleepb
When asserted DACB is put to sleep. Note: This bit needs to be
0
programmed to "1" for single DAC mode.
4:0
reserved
reserved
00000
Register name: config11 – Address: 0x0B, Default: 0x1111
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config11
0x0B
15:12
reserved
reserved
0001
11:8
reserved
reserved
0001
7:4
reserved
reserved
0001
3:0
reserved
reserved
0001
Register name: config12 – Address: 0x0C, Default: 0x3A7A
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config12
0x0C
15:14
reserved
reserved
00
13:0
iotest_ pattern0
This is dataword0 in the IO test pattern. It is used with the seven
0x3A7A
other words to test the input data. NOTE: This word should be
aligned with the rising edge of SYNC when testing the IO
interface.
Register name: config13 – Address: 0x0D, Default: 0x36B6
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config13
0x0D
15:14
reserved
reserved
00
13:0
iotest_ pattern1
This is dataword1 in the IO test pattern. It is used with the seven
0x36B6
other words to test the input data.
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com