Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 19Page - Texas Instruments DAC3174 Datasheet HTML 20Page - Texas Instruments DAC3174 Datasheet HTML 21Page - Texas Instruments DAC3174 Datasheet HTML 22Page - Texas Instruments DAC3174 Datasheet HTML 23Page - Texas Instruments DAC3174 Datasheet HTML 24Page - Texas Instruments DAC3174 Datasheet HTML 25Page - Texas Instruments DAC3174 Datasheet HTML 26Page - Texas Instruments DAC3174 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
rwb
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Instruction Cycle
Data Transfer Cycle
td(Data)
SDENB
SCLK
SDIO
SDENB
SCLK
SDIO
SDO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Data n
Data n-1
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Figure 28. Serial Interface Read Timing Diagram
REGISTER DESCRIPTIONS
In the SIF interface there are four types of registers:
NORMAL:
The NORMAL register type allows data to be written and read from. All 16-bits of the data are
registered at the same time. There is no synchronizing with an internal clock thus all register
writes are asynchronous with respect to internal clocks. There are three subtypes of NORMAL:
AUTOSYNC:
A NORMAL register that causes a sync to be generated after the write is
finished. These are most commonly used in things like offsets and phaseadd
where there is a word or block setup that extends across multiple registers
and all of the registers need to be programmed before any take effect on the
circuit. For example, the phaseadd is two registers long. It wouldn’t serve the
user to have the first write 16 of the 32 bits cause a change in the frequency,
so the design allows all the registers to be written and then when that last
one for this block is finished, an autosync is generated for the mixer telling it
to grab all the new SIF values. This will occur on a mixer clock cycle so that
no meta-stability errors occur.
No RESET Value: These are NORMAL registers, but for one reason or another reset value can
not be guaranteed. This could be because the register has some read_only
bits or some internal logic partially controls the bit values. An example is the
SIF_CONFIG6 register. The bits come from the temperature sensor and the
fuses. Depending on which fuses are blown and what the die temp is the
reset value will be different.
FUSE controlled:
While this isn’t a type of register, you may see this description in the area
describing the default value for the register. What is means is that fuses will
change the default value and the value shown in the document is for when
no fuses are blown.
READ_ONLY:
Registers that are internal wires ANDed with the address bus then connected to the SIF
output data bus.
WRITE_TO_CLEAR: These registers are just like NORMAL registers with one exception. They can be written
and read, however, when the internal logic asynchronously sets a bit high in one of
these registers, that bit stays high until it is written to ‘0’. This way interrupts will be
captured and stay constant until cleared by the user.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com