Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 17Page - Texas Instruments DAC3174 Datasheet HTML 18Page - Texas Instruments DAC3174 Datasheet HTML 19Page - Texas Instruments DAC3174 Datasheet HTML 20Page - Texas Instruments DAC3174 Datasheet HTML 21Page - Texas Instruments DAC3174 Datasheet HTML 22Page - Texas Instruments DAC3174 Datasheet HTML 23Page - Texas Instruments DAC3174 Datasheet HTML 24Page - Texas Instruments DAC3174 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Table 3. Mode: Dual Bus Single Clock Mode
DIFFERENTIAL PAIR (P/N)
DB_CLK RISING EDGE
DB_CLK FALLING EDGE
DA6
A13
A6
DA5
A12
A5
DA4
A11
A4
DA3
A10
A3
DA2
A9
A2
DA1
A8
A1
DA0
A7
A0
DB6
B13
B6
DB5
B12
B5
DB4
B11
B4
DB3
B10
B3
DB2
B9
B2
DB1
B8
B1
DB0
B7
B0
SYNC
FIFO Write Reset
-
Table 4. Mode: Dual Bus Dual Clock Mode
DIFFERENTIAL PAIR (P/N)
DA_CLK RISING EDGE
DA_CLK FALLING EDGE
DA6
A13
A6
DA5
A12
A5
DA4
A11
A4
DA3
A10
A3
DA2
A9
A2
DA1
A8
A1
DA0
A7
A0
DB_CLK RISING EDGE
DB_CLK FALLING EDGE
DB6
B13
B6
DB5
B12
B5
DB4
B11
B4
DB3
B10
B3
DB2
B9
B2
DB1
B8
B1
DB0
B7
B0
.
NOTE
When the register rev (config0, bit 11) is asserted, the MSB/LSB of the input bits are
reversed. When using the 14-bit interface, all 14 bits are reversed as one word; when
using the 7-bit interface, each 7-bit is reversed.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com