Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 13Page - Texas Instruments DAC3174 Datasheet HTML 14Page - Texas Instruments DAC3174 Datasheet HTML 15Page - Texas Instruments DAC3174 Datasheet HTML 16Page - Texas Instruments DAC3174 Datasheet HTML 17Page - Texas Instruments DAC3174 Datasheet HTML 18Page - Texas Instruments DAC3174 Datasheet HTML 19Page - Texas Instruments DAC3174 Datasheet HTML 20Page - Texas Instruments DAC3174 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
A
*
Ref -20 dBm
Att 5 dB
*
1 RM
CLRWR
*
*
NOR
3DB
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center 70 MHz
Span 29.2827419 MHz
2.92827419 MHz/
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
E-UTRA/LTE Square
Bandwidth
9.015 MHz
Power
-12.31 dBm
Adjacent Channel
Bandwidth
9.015 MHz
Lower
-74.95 dB
Spacing
10 MHz
Upper
-74.23 dB
0dBFs,
f
= 491.52MSPS,
f
= 70MHz
DAC
OUT
A
*
*
*
3DB
RBW 30 kHz
VBW 300 kHz
SWT 2 s
Ref -20 dBm
Att 5 dB
*
1 RM
CLRWR
NOR
*
Center 70 MHz
Span 58.55034538 MHz
5.855034538 MHz/
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
E-UTRA/LTE Square
Bandwidth
18.015 MHz
Power
-11.16 dBm
Adjacent Channel
Bandwidth
18.015 MHz
Lower
-72.43 dB
Spacing
20 MHz
Upper
-72.21 dB
0dBFs,
f
= 491.52MSPS,
f
= 70MHz
DAC
OUT
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 21. ACPR - LTE 10MHz FDD E-TM 1.1
Figure 22. ACPR – LTE 20MHz FDD E-TM 1.1
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com