Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 29Page - Texas Instruments DAC3174 Datasheet HTML 30Page - Texas Instruments DAC3174 Datasheet HTML 31Page - Texas Instruments DAC3174 Datasheet HTML 32Page - Texas Instruments DAC3174 Datasheet HTML 33Page - Texas Instruments DAC3174 Datasheet HTML 34Page - Texas Instruments DAC3174 Datasheet HTML 35Page - Texas Instruments DAC3174 Datasheet HTML 36Page - Texas Instruments DAC3174 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Register name: config25– Address: 0x19
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config25
0x19
15:0
fa002_ data(63:48)
Upper 16bits of the DIE ID word
READ
ONLY
Register name: config127– Address: 0x7F, Default: 0x0045
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config127
0x7F
15:14
reserved
reserved
00
READ
13:12
reserved
reserved
00
ONLY/No
11:10
reserved
reserved
00
RESET
Value
9:8
reserved
reserved
00
7
reserved
reserved
0
6
titest_voh
A fixed ‘1’ that can be used to test the Voh at the SIF output.
1
5
titest_vol
A fixed ‘0’ that can be used to test the Vol at the SIF output.
0
4:3
vendorid
Fixed at 01
01
2:0
versionid
Chip version
001
Synchronization Modes
There are three modes of syncing included in the DAC3174.
•
NORMAL Dual Sync – The SYNC pin is used to align the input side of the FIFO (write pointers) with the A(0)
sample. The ALIGN pin is used to reset the output side of the FIFO (read pointers) to the offset value.
Multiple chip alignment can be accomplished with this kind of syncing.
•
SYNC ONLY – In this mode only the SYNC pin is used to sync both the read and write pointers of the FIFO.
There is an asynchronized handoff between the DATACLK and DACCLK when using this mode, therefore it is
impossible to accurately align multiple chips closer than 2 or 3T.
•
SIF_SYNC – When neither SYNC nor ALIGN are used, a programmable SYNC pulse can be used to sync
the design. However, the same issues as SYNC ONLY apply. There is an asynchronized handoff between
the serial clock domain and the two sides of the FIFO. Because of the asynchronous nature of the SIF_SYNC
it is impossible to align the sync up with any sample at the input. NOTE: SIF_SYNC mode is the only
synchronization mode supported in dual bus mode.
NOTE
When ALIGNP/N are not used, it is recommended to clear the alignrx_ena register
(config1, bit 4), and tie ALIGNP to DIGVDD18 and ALIGNN to GROUND. When SYNCP/N
are not used, it is recommended to clear register syncrx_ena (config0, bit3), and the
unused SYNCP/N pins can be left open or tied to GROUND.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com