Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 2 Page - Texas Instruments

  DAC3174 Datasheet HTML 1Page - Texas Instruments DAC3174 Datasheet HTML 2Page - Texas Instruments DAC3174 Datasheet HTML 3Page - Texas Instruments DAC3174 Datasheet HTML 4Page - Texas Instruments DAC3174 Datasheet HTML 5Page - Texas Instruments DAC3174 Datasheet HTML 6Page - Texas Instruments DAC3174 Datasheet HTML 7Page - Texas Instruments DAC3174 Datasheet HTML 8Page - Texas Instruments DAC3174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
14
14-b
DACA
14-b
DACB
Control Interface
Clock Distribution
QMC
A-offset
QMC
B-offset
EXTIO
BIASJ
IOUTAP
IOUTAN
IOUTBP
IOUTBN
VDDA33
LVPECL
LVDS
LVPECL
LVDS
LVDS
14
DACB
Gain
Programmable
Delay
1. 2 V
Reference
DACCLKP
DACCLKN
DATACLKP
DATACLKN
DATA13P
DATA13N
SYNCP
SYNCN
ALIGNP
ALIGNN
DATA0P
DATA0N
LVDS
DACA
Gain
Optional Input
Used for multi-DAC sync
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
BLOCK DIAGRAMS
Figure 1. 14-Bit Interface Mode
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com