Electronic Components Datasheet Search
  English  ▼

X  

DAC3174 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 23Page - Texas Instruments DAC3174 Datasheet HTML 24Page - Texas Instruments DAC3174 Datasheet HTML 25Page - Texas Instruments DAC3174 Datasheet HTML 26Page - Texas Instruments DAC3174 Datasheet HTML 27Page - Texas Instruments DAC3174 Datasheet HTML 28Page - Texas Instruments DAC3174 Datasheet HTML 29Page - Texas Instruments DAC3174 Datasheet HTML 30Page - Texas Instruments DAC3174 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Register name: config3 – Address: 0x03, Default: 0x0000
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config3
0x03
15:13
datadlya
Controls the delay of the A data inputs through the LVDS receivers. 000
0= no additional delay and each LSB adds a nominal 80ps.
12:10
clkdlya
Controls the delay of the A data clock input through the LVDS
000
receivers. 0= no additional delay and each LSB adds a nominal
80ps.
9:7
datadlyb
Controls the delay of the B data inputs through the LVDS receivers. 000
0= no additional delay and each LSB adds a nominal 80ps.
6:4
clkdlyb
Controls the delay of the B data clock input through the LVDS
000
receivers. 0= no additional delay and each LSB adds a nominal
80ps.
3
extref_ ena
Enables external reference for the DAC when set.
0
2:1
reserved
reserved
00
0
dual_ clock_ena
When asserted it tells the LVDS input circuit that there are two
0
individual data clocks. NOTE: must be in SIF_SYNC mode.
Register name: config4 – Address: 0x04, Default: 0x0000
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config4
0x04
15:14
reserved
reserved
00
WRITE TO
13:0
iotest_ results
The values of these bits tell which bit in the input word failed during the
0x0000
CLEAR/
io-test pattern comparison. 13:7 match up with the 7 bits from port A
No RESET
and 6:0 match up with bits from port B.
value
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links :DAC3174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com